Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSC1202Y3RHHT Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # MSC1202Y3RHHT
Description  Precision Analog -to-Digital Converter
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSC1202Y3RHHT Datasheet(HTML) 18 Page - Texas Instruments

Back Button MSC1202Y3RHHT Datasheet HTML 14Page - Texas Instruments MSC1202Y3RHHT Datasheet HTML 15Page - Texas Instruments MSC1202Y3RHHT Datasheet HTML 16Page - Texas Instruments MSC1202Y3RHHT Datasheet HTML 17Page - Texas Instruments MSC1202Y3RHHT Datasheet HTML 18Page - Texas Instruments MSC1202Y3RHHT Datasheet HTML 19Page - Texas Instruments MSC1202Y3RHHT Datasheet HTML 20Page - Texas Instruments MSC1202Y3RHHT Datasheet HTML 21Page - Texas Instruments MSC1202Y3RHHT Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 92 page
background image
MSC1200
MSC1201
MSC1202
SBAS317E − APRIL 2004 − REVISED MAY 2006
www.ti.com
18
TYPICAL CHARACTERISTICS: ALL DEVICES (Continued)
AVDD = +5V, DVDD = +5V, fOSC = 8MHz, PGA = 1, fMOD = 15.625kHz, ADC Bipolar Mode, Buffer ON, and VREF ≡ (REF IN+) − (REF IN−) = +2.5V, unless
otherwise specified.
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
IDAC OUTPUT CURRENT
vs IDAC OUTPUT VOLTAGE
IDAC Output Votage (V)
0
0.5
1.0
1.5
2.0
2.5
5.5
5.0
4.5
4.0
3.5
3.0
AV
DD =5V
IDAC = FFh
AV
DD =3V
1020
1010
1000
990
980
970
960
950
940
930
920
910
900
IDAC OUTPUT CURRENT AT TEMPERATURE
vs ANALOG SUPPLY VOLTAGE
Analog Supply Voltage (V)
2.5
3.5
3.0
4.0
4.5
5.0 5.25
2.75
3.25
3.75
4.25
4.75
+85
_C
+125
_C
+25
_C
−40_C
−55_C
2.0
1.5
1.0
0.5
0
−0.5
IDAC INTEGRAL NONLINEARITY
vs IDAC CODE
IDAC Code
DIGITAL OUTPUT PIN VOLTAGE
Output Current (mA)
020
10
40
30
70
60
50
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
3V
Low
Output
5V
Low
Output
5V
3V
22
20
18
16
14
12
10
8
6
4
2
0
HISTOGRAM OF
TEMPERATURE SENSOR VALUES
Temperature Sensor Value (mV)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com