Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSC1202Y3RHHT Datasheet(PDF) 67 Page - Texas Instruments

Click here to check the latest version.
Part # MSC1202Y3RHHT
Description  Precision Analog -to-Digital Converter
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSC1202Y3RHHT Datasheet(HTML) 67 Page - Texas Instruments

Back Button MSC1202Y3RHHT Datasheet HTML 63Page - Texas Instruments MSC1202Y3RHHT Datasheet HTML 64Page - Texas Instruments MSC1202Y3RHHT Datasheet HTML 65Page - Texas Instruments MSC1202Y3RHHT Datasheet HTML 66Page - Texas Instruments MSC1202Y3RHHT Datasheet HTML 67Page - Texas Instruments MSC1202Y3RHHT Datasheet HTML 68Page - Texas Instruments MSC1202Y3RHHT Datasheet HTML 69Page - Texas Instruments MSC1202Y3RHHT Datasheet HTML 70Page - Texas Instruments MSC1202Y3RHHT Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 92 page
background image
MSC1200
MSC1201
MSC1202
SBAS317E − APRIL 2004 − REVISED MAY 2006
www.ti.com
67
ADC Offset Calibration Low Byte (OCL)
7
6
5
4
3
2
1
0
Reset Value
SFR D1h
LSB
00h
All MSC120x devices support 24-bit calibration values.
OCL
ADC Offset Calibration Low Byte. This is the low byte of the 24-bit word that contains the ADC offset
bits 7−0
calibration. This value is written by the device after performing a calibration. This register is read/writable, so it can
be used for setting calibration values independent of the hardware-generated calibration values.
ADC Offset Calibration Middle Byte (OCM)
7
6
5
4
3
2
1
0
Reset Value
SFR D2h
00h
All MSC120x devices support 24-bit calibration values.
OCM
ADC Offset Calibration Middle Byte. This is the middle byte of the 24-bit word that contains the ADC offset
bits 7−0
calibration. This value is written by the device after performing a calibration. This register is read/writable, so it can
be used for setting calibration values independent of the hardware-generated calibration values.
ADC Offset Calibration High Byte (OCH)
7
6
5
4
3
2
1
0
Reset Value
SFR D3h
MSB
00h
All MSC120x devices support 24-bit calibration values.
OCH
ADC Offset Calibration High Byte. This is the high byte of the 24-bit word that contains the ADC offset
bits 7−0
calibration. This value is written by the device after performing a calibration. This register is read/writable, so it can
be used for setting calibration values independent of the hardware-generated calibration values.
ADC Gain Calibration Low Byte (GCL)
7
6
5
4
3
2
1
0
Reset Value
SFR D4h
LSB
5Ah
All MSC120x devices support 24-bit calibration values.
GCL
ADC Gain Calibration Low Byte. This is the low byte of the 24-bit word that contains the ADC gain
bits 7−0
calibration. This value is written by the device after performing a calibration. This register is read/writable, so it can
be used for setting calibration values independent of the hardware-generated calibration values.
ADC Gain Calibration Middle Byte (GCM)
7
6
5
4
3
2
1
0
Reset Value
SFR D5h
ECh
All MSC120x devices support 24-bit calibration values.
GCM
ADC Gain Calibration Middle Byte. This is the middle byte of the 24-bit word that contains the ADC gain
bits 7−0
calibration. This value is written by the device after performing a calibration. This register is read/writable, so it can
be used for setting calibration values independent of the hardware-generated calibration values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com