Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSC1202Y3RHHT Datasheet(PDF) 53 Page - Texas Instruments

Click here to check the latest version.
Part # MSC1202Y3RHHT
Description  Precision Analog -to-Digital Converter
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSC1202Y3RHHT Datasheet(HTML) 53 Page - Texas Instruments

Back Button MSC1202Y3RHHT Datasheet HTML 49Page - Texas Instruments MSC1202Y3RHHT Datasheet HTML 50Page - Texas Instruments MSC1202Y3RHHT Datasheet HTML 51Page - Texas Instruments MSC1202Y3RHHT Datasheet HTML 52Page - Texas Instruments MSC1202Y3RHHT Datasheet HTML 53Page - Texas Instruments MSC1202Y3RHHT Datasheet HTML 54Page - Texas Instruments MSC1202Y3RHHT Datasheet HTML 55Page - Texas Instruments MSC1202Y3RHHT Datasheet HTML 56Page - Texas Instruments MSC1202Y3RHHT Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 92 page
background image
MSC1200
MSC1201
MSC1202
SBAS317E − APRIL 2004 − REVISED MAY 2006
www.ti.com
53
Serial Data Buffer 0 (SBUF0)
7
6
5
4
3
2
1
0
Reset Value
SFR 99h
00h
SBUF0
Serial Data Buffer 0. Data for Serial Port 0 is read from or written to this location. The serial transmit and receive
bits 7−0
buffers are separate registers, but both are addressed at this location.
SPI Control (SPICON)
7
6
5
4
3
2
1
0
Reset Value
SFR 9Ah
SBIT3
SBIT2
SBIT1
SBIT0
ORDER
CPHA
ESS
CPOL
00h
SBIT3−0
Serial Bit Count. Number of bits transferred (read-only).
bits 7−4
SBIT3:0
COUNT
0x00
0
0x01
1
0x03
2
0x02
3
0x06
4
0x07
5
0x05
6
0x04
7
0x0C
8
ORDER
Set Bit Order for Transmit and Receive.
bit 3
0: Most significant bits first
1: Least significant bBits first
CPHA
Serial Clock Phase Control.
bit 2
0: Valid data starting from half SCK period before the first edge of SCK
1: Valid data starting from the first edge of SCK
ESS
Enable Slave Select.
bit 1
0: SS (P1.4) is configured as a general-purpose I/O (default).
1: SS (P1.4) is configured as SS for SPI mode. DOUT (P1.2) drives when SS is low, and DOUT (P1.2) is
high-impedance when SS is high.
CPOL
Serial Clock Polarity.
bit 0
0: SCK idle at logic low
1: SCK idle at logic high



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com