Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSC1202Y3RHHT Datasheet(PDF) 64 Page - Texas Instruments

Click here to check the latest version.
Part # MSC1202Y3RHHT
Description  Precision Analog -to-Digital Converter
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSC1202Y3RHHT Datasheet(HTML) 64 Page - Texas Instruments

Back Button MSC1202Y3RHHT Datasheet HTML 60Page - Texas Instruments MSC1202Y3RHHT Datasheet HTML 61Page - Texas Instruments MSC1202Y3RHHT Datasheet HTML 62Page - Texas Instruments MSC1202Y3RHHT Datasheet HTML 63Page - Texas Instruments MSC1202Y3RHHT Datasheet HTML 64Page - Texas Instruments MSC1202Y3RHHT Datasheet HTML 65Page - Texas Instruments MSC1202Y3RHHT Datasheet HTML 66Page - Texas Instruments MSC1202Y3RHHT Datasheet HTML 67Page - Texas Instruments MSC1202Y3RHHT Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 92 page
background image
MSC1200
MSC1201
MSC1202
SBAS317E − APRIL 2004 − REVISED MAY 2006
www.ti.com
64
IDAC
7
6
5
4
3
2
1
0
Reset Value
SFR B5h
MSB
LSB
00h
IDAC
Current DAC.
bits 7−0
IDACOUT = IDAC • 3.9µA (∼1mA full-scale). Setting (PDCON.PDIDAC) will shut down IDAC and float the IDAC pin.
Interrupt Priority (IP)
7
6
5
4
3
2
1
0
Reset Value
SFR B8h
1
0
0
PS0
PT1
PX1
PT0
PX0
80h
PS0
Serial Port 0 Interrupt. This bit controls the priority of the serial Port 0 interrupt.
bit 4
0 = Serial Port 0 priority is determined by the natural priority order.
1 = Serial Port 0 is a high-priority interrupt.
PT1
Timer 1 Interrupt. This bit controls the priority of the Timer 1 interrupt.
bit 3
0 = Timer 1 priority is determined by the natural priority order.
1 = Timer 1 priority is a high-priority interrupt.
PX1
External Interrupt 1. This bit controls the priority of external interrupt 1.
bit 2
0 = External interrupt 1 priority is determined by the natural priority order.
1 = External interrupt 1 is a high-priority interrupt.
PT0
Timer 0 Interrupt. This bit controls the priority of the Timer 0 interrupt.
bit 1
0 = Timer 0 priority is determined by the natural priority order.
1 = Timer 0 priority is a high-priority interrupt.
PX0
External Interrupt 0. This bit controls the priority of external interrupt 0.
bit 0
0 = External interrupt 0 priority is determined by the natural priority order.
1 = External interrupt 0 is a high-priority interrupt.
Enable Wake Up (EWU) (Waking Up from Idle Mode)
7
6
5
4
3
2
1
0
Reset Value
SFR C6h
—
—
—
—
—
EWUWDT
EWUEX1
EWUEX0
00h
Auxiliary interrupts will wake up from Idle mode. They are enabled with EAI (EICON.5).
EWUWDT
Enable Wake Up Watchdog Timer. Wake using watchdog timer interrupt.
bit 2
0 = Do not wake up on watchdog timer interrupt.
1 = Wake up on watchdog timer interrupt.
EWUEX1
Enable Wake Up External 1. Wake using external interrupt source 1.
bit 1
0 = Do not wake up on external interrupt source 1.
1 = Wake up on external interrupt source 1.
EWUEX0
Enable Wake Up External 0. Wake using external interrupt source 0.
bit 0
0 = Do not wake up on external interrupt source 0.
1 = Wake up on external interrupt source 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com