Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSC1202Y3RHHT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # MSC1202Y3RHHT
Description  Precision Analog -to-Digital Converter
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSC1202Y3RHHT Datasheet(HTML) 4 Page - Texas Instruments

  MSC1202Y3RHHT Datasheet HTML 1Page - Texas Instruments MSC1202Y3RHHT Datasheet HTML 2Page - Texas Instruments MSC1202Y3RHHT Datasheet HTML 3Page - Texas Instruments MSC1202Y3RHHT Datasheet HTML 4Page - Texas Instruments MSC1202Y3RHHT Datasheet HTML 5Page - Texas Instruments MSC1202Y3RHHT Datasheet HTML 6Page - Texas Instruments MSC1202Y3RHHT Datasheet HTML 7Page - Texas Instruments MSC1202Y3RHHT Datasheet HTML 8Page - Texas Instruments MSC1202Y3RHHT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 92 page
background image
MSC1200
MSC1201
MSC1202
SBAS317E − APRIL 2004 − REVISED MAY 2006
www.ti.com
4
ELECTRICAL CHARACTERISTICS: AVDD = 5V (continued)
All specifications from TMIN to TMAX, DVDD = +2.7V to +5.25V, fMOD = 15.625kHz, PGA = 1, Buffer ON, fDATA = 10Hz, ADC Bipolar Mode, and
VREF ≡ (REF IN+) − (REF IN−) = +2.5V, unless otherwise noted.
MSC120x
PARAMETER
UNITS
MAX
TYP
MIN
CONDITION
Voltage Reference Input
Reference Input Range
REF IN+, REF IN−
AGND
AVDD(3)
V
ADC VREF
VREF ≡ (REFIN+) − (REFIN−)
0.1
2.5
AVDD
V
VREF Common-Mode Rejection
At DC
115
dB
Input Current
VREF = 2.5V, PGA = 1
1
µA
On-Chip Voltage Reference
Output Voltage
VREFH = 1, T = +25
°C
2.49
2.5
2.51
V
Output Voltage
VREFH = 0
1.23
1.25
1.27
V
Short-Circuit Current Source
8
mA
Short-Circuit Current Sink
65
µA
Short-Circuit Duration
Sink or Source
Indefinite
Startup Time from Power ON
CREFOUT = 0.1µF
0.4
ms
Temperature Sensor
Temperature Sensor Voltage
T = +25
°C
115
mV
Temperature Sensor Coefficient
MSC1200
375
µV/°C
Temperature Sensor Coefficient
MSC1201, MSC1202
345
µV/°C
IDAC Output Characteristics
IDAC Resolution
8
Bits
Full-Scale Output Current
IDAC = 0FFh
1
mA
Maximum Short-Circuit Current Duration
Indefinite
Compliance Voltage
IDAC = 00h
AVDD − 1.5
V
IDAC Zero Code Current
0
µA
IDAC INL
1.3
LSB
Analog Power-Supply Requirements
Analog Power-Supply Voltage
AVDD
4.75
5.0
5.25
V
Analog Current
BOR OFF, External Clock Mode, Analog OFF,
ALVD OFF, PDADC = PDIDAC = 1
< 1
nA
PGA = 1, Buffer OFF
170
µA
Analog
ADC Current
PGA = 128, Buffer OFF
430
µA
Analog
Power-Supply
ADC Current
(IADC)
PGA = 1, Buffer ON
230
µA
Power-Supply
Current
ADC
PGA = 128, Buffer ON
770
µA
Current
VREF Supply Current
(IVREF)
ADC ON
360
µA
IDAC Supply Current
(IIDAC)
IDAC = 00h
230
µA
(1) The input impedance for PGA = 128 is the same as that for PGA = 64 (that is, 7MΩ/64).
(2) Calibration can minimize these errors.
(3) The gain self-calibration cannot have a REF IN+ of more than AVDD −1.5V with Buffer ON. To calibrate gain, turn Buffer OFF.
(4) ∆VOUT is change in digital result.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com