Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSC1202Y3RHHT Datasheet(PDF) 78 Page - Texas Instruments

Click here to check the latest version.
Part # MSC1202Y3RHHT
Description  Precision Analog -to-Digital Converter
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSC1202Y3RHHT Datasheet(HTML) 78 Page - Texas Instruments

Back Button MSC1202Y3RHHT Datasheet HTML 74Page - Texas Instruments MSC1202Y3RHHT Datasheet HTML 75Page - Texas Instruments MSC1202Y3RHHT Datasheet HTML 76Page - Texas Instruments MSC1202Y3RHHT Datasheet HTML 77Page - Texas Instruments MSC1202Y3RHHT Datasheet HTML 78Page - Texas Instruments MSC1202Y3RHHT Datasheet HTML 79Page - Texas Instruments MSC1202Y3RHHT Datasheet HTML 80Page - Texas Instruments MSC1202Y3RHHT Datasheet HTML 81Page - Texas Instruments MSC1202Y3RHHT Datasheet HTML 82Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 92 page
background image
MSC1200
MSC1201
MSC1202
SBAS317E − APRIL 2004 − REVISED MAY 2006
www.ti.com
78
Power-Down Control (PDCON)
7
6
5
4
3
2
1
0
Reset Value
SFR F1h
PDICLK
PDIDAC
PDI2C
0
PDADC
PDWDT
PDST
PDSPI
6Fh
Turning peripheral modules off puts the MSC120x in the lowest power mode.
PDICLK
Internal Clock Control.
bit 7
0 = Internal Oscillator and PLL On (Internal Oscillator or PLL mode)
1 = Internal Oscillator and PLL Power Down (External Clock mode). Bit is not active on IOM or PLL mode.
PDIDAC
IDAC Control.
bit 6
0 = IDAC On
1 = IDAC Power Down (default)
PDI2C
I2C Control.
bit 5
0 = I2C On (only when PDSPI = 1)
1 = I2C Power Down (default)
PDADC
ADC Control.
bit 3
0 = ADC On
1 = ADC, VREF, and Summation registers are powered down (default).
PDWDT
Watchdog Timer Control.
bit 2
0 = Watchdog Timer On
1 = Watchdog Timer Power Down (default)
PDST
System Timer Control.
bit 1
0 = System Timer On
1 = System Timer Power Down (default)
PDSPI
SPI System Control.
bit 0
0 = SPI System On
1 = SPI System Power Down (default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com