Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSC1202Y3RHHT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # MSC1202Y3RHHT
Description  Precision Analog -to-Digital Converter
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSC1202Y3RHHT Datasheet(HTML) 1 Page - Texas Instruments

  MSC1202Y3RHHT Datasheet HTML 1Page - Texas Instruments MSC1202Y3RHHT Datasheet HTML 2Page - Texas Instruments MSC1202Y3RHHT Datasheet HTML 3Page - Texas Instruments MSC1202Y3RHHT Datasheet HTML 4Page - Texas Instruments MSC1202Y3RHHT Datasheet HTML 5Page - Texas Instruments MSC1202Y3RHHT Datasheet HTML 6Page - Texas Instruments MSC1202Y3RHHT Datasheet HTML 7Page - Texas Instruments MSC1202Y3RHHT Datasheet HTML 8Page - Texas Instruments MSC1202Y3RHHT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 92 page
background image
SBAS317E − APRIL 2004 − REVISED MAY 2006
Precision AnalogtoDigital Converter (ADC)
and CurrentOutput DigitaltoAnalog Converter (DAC)
with 8051 Microcontroller and Flash Memory
MSC1200
MSC1201
MSC1202
FEATURES
ANALOG FEATURES
D MSC1200 and MSC1201:
− 24 Bits No Missing Codes
− 22 Bits Effective Resolution At 10Hz
− Low Noise: 75nV
D MSC1202:
− 16 Bits No Missing Codes
− 16 Bits Effective Resolution At 200Hz
− Noise: 600nV
D PGA From 1 to 128
D Precision On-Chip Voltage Reference
D 8 Diff/Single-Ended Channels (MSC1200)
D 6 Diff/Single-Ended Channels (MSC1201/02)
D On-Chip Offset/Gain Calibration
D Offset Drift: 0.1ppm/°C
D Gain Drift: 0.5ppm/°C
D On-Chip Temperature Sensor
D Selectable Buffer Input
D Signal-Source Open-Circuit Detect
D 8-Bit Current DAC
DIGITAL FEATURES
Microcontroller Core
D 8051-Compatible
D High-Speed Core:
− 4 Clocks per Instruction Cycle
D DC to 33MHz
D On-Chip Oscillator
D PLL with 32kHz Capability
D Single Instruction 121ns
D Dual Data Pointer
Memory
D 4kB or 8kB of Flash Memory
D Flash Memory Partitioning
D Endurance 1M Erase/Write Cycles,
100-Year Data Retention
D 256 Bytes Data SRAM
D In-System Serially Programmable
D Flash Memory Security
D 1kB Boot ROM
Peripheral Features
D 16 Digital I/O Pins
D Additional 32-Bit Accumulator
D Two 16-Bit Timer/Counters
D System Timers
D Programmable Watchdog Timer
D Full-Duplex USART
D Basic SPI
D Basic I2C
D Power Management Control
D Internal Clock Divider
D Idle Mode Current < 200mA
D Stop Mode Current < 100nA
D Digital Brownout Reset
D Analog Low-Voltage Detect
D 20 Interrupt Sources
GENERAL FEATURES
D Each Device Has Unique Serial Number
D Packages:
− TQFP-48 (MSC1200)
− QFN-36 (MSC1201/02)
D Low Power: 3mW at 3.0V, 1MHz
D Industrial Temperature Range:
−40
°C to +125°C
D Power Supply: 2.7V to 5.25V
APPLICATIONS
D Industrial Process Control
D Instrumentation
D Liquid/Gas Chromatography
D Blood Analysis
D Smart Transmitters
D Portable Instruments
D Weigh Scales
D Pressure Transducers
D Intelligent Sensors
D Portable Applications
D DAS Systems
All trademarks are the property of their respective owners.
www.ti.com
Copyright
 2004−2006, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.


Similar Part No. - MSC1202Y3RHHT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
MSC1202Y3RHHT BURR-BROWN-MSC1202Y3RHHT Datasheet
684Kb / 78P
Precision, Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
logo
Texas Instruments
MSC1202Y3RHHT TI1-MSC1202Y3RHHT Datasheet
1Mb / 92P
Precision Analog-to-Digital Converter and Current-Output Digital-to-Analog Converter
MSC1202Y3RHHT TI1-MSC1202Y3RHHT Datasheet
1Mb / 92P
Precision Analog-to-Digital Converter (ADC) and Current-Output Digital Converter (DAC)
MAY 2006
MSC1202Y3RHHTG4 TI1-MSC1202Y3RHHTG4 Datasheet
1Mb / 92P
Precision Analog-to-Digital Converter and Current-Output Digital-to-Analog Converter
MSC1202Y3RHHTG4 TI1-MSC1202Y3RHHTG4 Datasheet
1Mb / 92P
Precision Analog-to-Digital Converter (ADC) and Current-Output Digital Converter (DAC)
MAY 2006
More results

Similar Description - MSC1202Y3RHHT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM58P BURR-BROWN-PCM58P Datasheet
64Kb / 6P
Precision, 18-Bit Monolithic Audio DIGITAL-TO-ANALOG CONVERTER
MSC1212Y2 BURR-BROWN-MSC1212Y2 Datasheet
1Mb / 69P
Precision Analog-to-Digital Converter (ADC)
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
ANALOG-TO-DIGITAL CONVERTER
MSC1200 TI1-MSC1200_06 Datasheet
1Mb / 92P
Precision Analog-to-Digital Converter (ADC) and Current-Output Digital Converter (DAC)
MAY 2006
MSC1211 TI1-MSC1211_07 Datasheet
1Mb / 111P
Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converters (DACs)
OCTOBER 2007
TL507 TI1-TL507 Datasheet
118Kb / 7P
ANALOG-TO-DIGITAL CONVERTER
MSC1202Y3RHHTG4 TI1-MSC1202Y3RHHTG4 Datasheet
1Mb / 92P
Precision Analog-to-Digital Converter and Current-Output Digital-to-Analog Converter
ADS7804 TI1-ADS7804 Datasheet
940Kb / 19P
ANALOG-to-DIGITAL CONVERTER
ADS7805 TI1-ADS7805 Datasheet
949Kb / 20P
ANALOG-to-DIGITAL CONVERTER
ADS7809 TI1-ADS7809 Datasheet
1Mb / 20P
ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com