Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS43DR16640C Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS43DR16640C
Description  Differential data strobe
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS43DR16640C Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS43DR16640C Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS43DR16640C Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS43DR16640C Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS43DR16640C Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS43DR16640C Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS43DR16640C Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS43DR16640C Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS43DR16640C Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS43DR16640C Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
Integrated Silicon Solution, Inc. — www.issi.com
1
Rev. 00A
6/4/2013
Copyright © 2013 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its products at any time without
notice. ISSI assumes no liability arising out of the application or use of any information, products or services described herein. Customers are advised to obtain the latest
version of this device specification before relying on any published information and before placing orders for products.
Integrated Silicon Solution, Inc. does not recommend the use of any of its products in life support applications where the failure or malfunction of the product can reason-
ably be expected to cause failure of the life support system or to significantly affect its safety or effectiveness. Products are not authorized for use in such applications
unless Integrated Silicon Solution, Inc. receives written assurance to its satisfaction, that:
a.) the risk of injury or damage has been minimized;
b.) the user assume all such risks; and
c.) potential liability of Integrated Silicon Solution, Inc is adequately protected under the circumstances
IS43/46DR81280C
IS43/46DR16640C
ADVANCED INFORMATION
MAY 2013
128Mx8, 64Mx16 DDR2 DRAM
FEATURES
• Vdd = 1.8V ±0.1V, Vddq = 1.8V ±0.1V
• JEDEC standard 1.8V I/O (SSTL_18-compatible)
• Double data rate interface: two data transfers
per clock cycle
• Differential data strobe (DQS, DQS)
• 4-bit prefetch architecture
• On chip DLL to align DQ and DQS transitions
with CK
• 8 internal banks for concurrent operation
• Programmable CAS latency (CL) 3, 4, 5, 6 and 7
supported
• Posted CAS and programmable additive latency
(AL) 0, 1, 2, 3, 4, 5 and 6 supported
• WRITE latency = READ latency - 1 tCK
• Programmable burst lengths: 4 or 8
• Adjustable data-output drive strength, full and
reduced strength options
• On-die termination (ODT)
OPTIONS
• Configuration(s):
128Mx8 (16Mx8x8 banks): IS43/46DR81280C
64Mx16 (8Mx16x8 banks): IS43/46DR16640C
• Package:
x8: 60-ball BGA (8mm x 10.5mm)
x16: 84-ball WBGA (8mm x 12.5mm)
• Timing – Cycle time
2.5ns @CL=5 DDR2-800D
2.5ns @CL=6 DDR2-800E
3.0ns @CL=5 DDR2-667D
3.75ns @CL=4 DDR2-533C
5ns @CL=3 DDR2-400B
• Temperature Range:
Commercial (0°C ≤ Tc ≤ 85°C)
Industrial (-40°C ≤ Tc ≤ 95°C; -40°C ≤ Ta ≤ 85°C)
Automotive, A1 (-40°C ≤ Tc ≤ 95°C; -40°C ≤ Ta ≤ 85°C)
Automotive, A2 (-40°C ≤ Tc; Ta ≤ 105°C)
Tc = Case Temp, Ta = Ambient Temp
DESCRIPTION
ISSI's 1Gb DDR2 SDRAM uses a double-data-rate
architecture to achieve high-speed operation. The
double-data rate architecture is essentially a 4n-prefetch
architecture, with an interface designed to transfer two
data words per clock cycle at the I/O balls.
Parameter
128M x 8
64M x 16
Configuration
16M x 8 x 8
banks
8M x 16 x 8
banks
Refresh Count
8K/64ms
8K/64ms
Row Addressing
16K (A0-A13) 8K (A0-A12)
Column
Addressing
1K (A0-A9)
1K (A0-A9)
Bank Addressing BA0 - BA2
BA0 - BA2
Precharge
Addressing
A10
A10
ADDRESS TABLE
Speed Grade
-25D
-3D
tRCD
12.5
15
tRP
12.5
15
tRC
55
55
tRAS
40
40
tCK @CL=3
5
5
tCK @CL=4
3.75
3.75
tCK @CL=5
2.5
3
tCK @CL=6
2.5
—
KEY TIMING PARAMETERS


Similar Part No. - IS43DR16640C

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS43DR16640A-3DBL ISSI-IS43DR16640A-3DBL Datasheet
855Kb / 28P
Clock frequency up to 400MHz
IS43DR16640B-25DBI ISSI-IS43DR16640B-25DBI Datasheet
548Kb / 28P
1Gb (x8, x16) DDR2 SDRAM
Rev. 0B, 08/08/2012
IS43DR16640B-25DBI ISSI-IS43DR16640B-25DBI Datasheet
1Mb / 29P
1Gb (x8, x16) DDR2 SDRAM
Rev. G 3/25/2015
IS43DR16640B-25DBL ISSI-IS43DR16640B-25DBL Datasheet
548Kb / 28P
1Gb (x8, x16) DDR2 SDRAM
Rev. 0B, 08/08/2012
IS43DR16640B-25DBL ISSI-IS43DR16640B-25DBL Datasheet
1Mb / 29P
1Gb (x8, x16) DDR2 SDRAM
Rev. G 3/25/2015
More results

Similar Description - IS43DR16640C

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT41J128M16HA-125 MICRON-MT41J128M16HA-125 Datasheet
2Mb / 206P
Differential bidirectional data strobe
logo
Integrated Silicon Solu...
IS43DR86400D ISSI-IS43DR86400D Datasheet
1Mb / 48P
Differential data strobe
IS4346DR16160B ISSI-IS4346DR16160B Datasheet
1Mb / 46P
Differential data strobe
logo
Micron Technology
MT40A1G4RH-075E MICRON-MT40A1G4RH-075E Datasheet
10Mb / 365P
Programmable data strobe preambles
MT40A512M8RH-083E MICRON-MT40A512M8RH-083E Datasheet
10Mb / 365P
Programmable data strobe preambles
logo
Alliance Semiconductor ...
2GB-DDR3L-AS4C256M8D3L ALSC-2GB-DDR3L-AS4C256M8D3L Datasheet
3Mb / 86P
Bidirectional differential data strobe
AS4C128M16D3 ALSC-AS4C128M16D3 Datasheet
2Mb / 84P
Bidirectional differential data strobe
AS4C128M16D3LA-12BCN ALSC-AS4C128M16D3LA-12BCN Datasheet
1Mb / 83P
Bidirectional differential data strobe
AS4C256M16D3 ALSC-AS4C256M16D3 Datasheet
2Mb / 83P
Bidirectional differential data strobe
AS4C256M16D3LA-12BCN ALSC-AS4C256M16D3LA-12BCN Datasheet
1Mb / 83P
Bidirectional differential data strobe
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com