Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS43DR16640C Datasheet(PDF) 3 Page - Integrated Silicon Solution, Inc

Part # IS43DR16640C
Description  Differential data strobe
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS43DR16640C Datasheet(HTML) 3 Page - Integrated Silicon Solution, Inc

  IS43DR16640C Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS43DR16640C Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS43DR16640C Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS43DR16640C Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS43DR16640C Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS43DR16640C Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS43DR16640C Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS43DR16640C Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS43DR16640C Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 49 page
background image
Integrated Silicon Solution, Inc. — www.issi.com
3
Rev. 00A
6/4/2013
IS43/46DR81280C, IS43/46DR16640C
Symbol
Type
Function
CK, CK
Input
Clock: CK and CK are differential clock inputs. All address and control input signals
are sampled on the crossing of the positive edge of CK and negative edge of CK.
Output (read) data is referenced to the crossings of CK and CK (both directions of
crossing).
CKE
Input
Clock Enable: CKE HIGH activates, and CKE LOW deactivates, internal clock signals
and device input buffers and output drivers. Taking CKE LOW provides Precharge
Power-Down and Self Refresh operation (all banks idle), or Active Power-Down (row
Active in any bank). CKE is synchronous for power down entry and exit, and for self
refresh entry. CKE is asynchronous for self refresh exit. After VREF has become
stable during the power on and initialization sequence, it must be maintained for
proper operation of the CKE receiver. For proper self-refresh entry and exit, VREF
must be maintained to this input. CKE must be maintained HIGH throughout read and
write accesses. Input buffers, excluding CK, CK, ODT and CKE are disabled during
power-down. Input buffers, excluding CKE, are disabled during self refresh.
CS
Input
Chip Select: All commands are masked when CS is registered HIGH. CS provides for
external Rank selection on systems with multiple Ranks. CS is considered part of the
command code.
ODT
Input
On Die Termination: ODT (registered HIGH) enables termination resistance internal
to the DDR2 SDRAM. When enabled, ODT is applied to each DQ, DQS, DQS, DM
signals. The ODT pin will be ignored if the EMR(1) is programmed to disable ODT.
RAS
, CAS, WE
Input
Command Inputs: RAS, CAS and WE (along with CS) define the command being
entered.
DM (x8) or
UDM, LDM (x16)
Input
Input Data Mask: DM is an input mask signal for write data. Input data is masked
when DM is sampled HIGH coincident with that input data during a Write access. DM
is sampled on both edges of DQS. Although DM pins are input only, the DM loading
matches the DQ and DQS loading. For x8, the function of DM is enabled by EMRS
command to EMR(1) [A11].
BA0 - BA2
Input
Bank Address Inputs: BA0 - BA2 define to which bank an Active, Read, Write or
Precharge command is being applied. Bank address also determines if the mode
register or one of the extended mode registers is to be accessed during a MRS or
EMRS command cycle.
A0 - A13
Input
Address Inputs: Provide the row address for Active commands and the column
address and Auto Precharge bit for Read/Write commands to select one location
out of the memory array in the respective bank. A10 is sampled during a Precharge
command to determine whether the Precharge applies to one bank (A10 LOW) or all
banks (A10 HIGH). If only one bank is to be precharged, the bank is selected by BA0 -
BA2. The address inputs also provide the op-code during MRS or EMRS commands.
PIN DESCRIPTION TABLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com