Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS43DR16640C Datasheet(PDF) 21 Page - Integrated Silicon Solution, Inc

Part # IS43DR16640C
Description  Differential data strobe
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS43DR16640C Datasheet(HTML) 21 Page - Integrated Silicon Solution, Inc

Back Button IS43DR16640C Datasheet HTML 17Page - Integrated Silicon Solution, Inc IS43DR16640C Datasheet HTML 18Page - Integrated Silicon Solution, Inc IS43DR16640C Datasheet HTML 19Page - Integrated Silicon Solution, Inc IS43DR16640C Datasheet HTML 20Page - Integrated Silicon Solution, Inc IS43DR16640C Datasheet HTML 21Page - Integrated Silicon Solution, Inc IS43DR16640C Datasheet HTML 22Page - Integrated Silicon Solution, Inc IS43DR16640C Datasheet HTML 23Page - Integrated Silicon Solution, Inc IS43DR16640C Datasheet HTML 24Page - Integrated Silicon Solution, Inc IS43DR16640C Datasheet HTML 25Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
Integrated Silicon Solution, Inc. — www.issi.com
21
Rev. 00A
6/4/2013
IS43/46DR81280C, IS43/46DR16640C
Guidelines for AC Parameters
1. DDR2 SDRAM AC Timing Reference Load
Figure "AC Timing Reference Load" represents the timing reference load used in defining the relevant timing
parameters of the part. It is not intended to be either a precise representation of the typical system environment or
a depiction of the actual load presented by a production tester. System designers will use IBIS or other simulation
tools to correlate the timing reference load to a system environment. Manufacturers correlate to their production test
conditions (generally a coaxial transmission line terminated at the tester electronics).
VDDQ
DUT
DQ
DQS
DQS
RDQS
RDQS
Output
VTT = VDDQ/2
25
Ω
Timing
reference
point
Figure - AC Timing Reference Load
The output timing reference voltage level for single ended signals is the crosspoint with VTT. The output timing
reference voltage level for differential signals is the crosspoint of the true (e.g. DQS) and the complement (e.g. DQS)
signal.
2. Slew Rate Measurement Levels
a) Output slew rate for falling and rising edges is measured between VTT - 250 mV and VTT + 250 mV for single
ended signals. For differential signals (e.g. DQS - DQS) output slew rate is measured between DQS - DQS = - 500 mV
and DQS - DQS = + 500 mV. Output slew rate is guaranteed by design, but is not necessarily tested on each device.
b) Input slew rate for single ended signals is measured from Vref(dc) to VIH(ac),min for rising edges and from Vref(dc)
to VIL(ac),max for falling edges.
For differential signals (e.g. CK - CK) slew rate for rising edges is measured from CK - CK = - 250 mV to CK - CK = +
500 mV (+ 250 mV to - 500 mV for falling edges).
c) VID is the magnitude of the difference between the input voltage on CK and the input voltage on CK, or between
DQS and DQS for differential strobe.
3. DDR2 SDRAM output slew rate test load
Output slew rate is characterized under the test conditions as shown in Figure "Slew Rate Test Load".
4. Differential data strobe
DDR2 SDRAM pin timings are specified for either single ended mode or differential mode depending on the setting of
the EMRS “Enable DQS” mode bit; timing advantages of differential mode are realized in system design. The method
by which the DDR2 SDRAM pin timings are measured is mode dependent. In single ended mode, timing relationships
are measured relative to the rising or falling edges of DQS crossing at VREF. In differential mode, these timing
VDDQ
DUT
DQ
DQ
RDQS, RDQS
S, DQS
Output
VTT = VDDQ/2
25
Ω
Test point
Figure - Slew Rate Test Load
relationships are measured relative to the crosspoint of DQS and its complement, DQS. This distinction in timing
methods is guaranteed by design and characterization. Note that when differential data strobe mode is disabled via
the EMRS, the complementary pin, DQS, must be tied externally to VSS through a 20 Ω to 10 kΩ resistor to insure
proper operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com