Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS43DR16640C Datasheet(PDF) 43 Page - Integrated Silicon Solution, Inc

Part # IS43DR16640C
Description  Differential data strobe
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS43DR16640C Datasheet(HTML) 43 Page - Integrated Silicon Solution, Inc

Back Button IS43DR16640C Datasheet HTML 39Page - Integrated Silicon Solution, Inc IS43DR16640C Datasheet HTML 40Page - Integrated Silicon Solution, Inc IS43DR16640C Datasheet HTML 41Page - Integrated Silicon Solution, Inc IS43DR16640C Datasheet HTML 42Page - Integrated Silicon Solution, Inc IS43DR16640C Datasheet HTML 43Page - Integrated Silicon Solution, Inc IS43DR16640C Datasheet HTML 44Page - Integrated Silicon Solution, Inc IS43DR16640C Datasheet HTML 45Page - Integrated Silicon Solution, Inc IS43DR16640C Datasheet HTML 46Page - Integrated Silicon Solution, Inc IS43DR16640C Datasheet HTML 47Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 49 page
background image
Integrated Silicon Solution, Inc. — www.issi.com
43
Rev. 00A
6/4/2013
IS43/46DR81280C, IS43/46DR16640C
DESELECT
The DESELECT function (CS HIGH) prevents new commands from being executed by the DDR2 SDRAM. The DDR2
SDRAM is effectively deselected. Operations already in progress are not affected. DESELECT is also referred to as
COMMAND INHIBIT.
NO OPERATION (NOP)
The NO OPERATION (NOP) command is used to instruct the selected DDR2 SDRAM to perform a NOP (CS is LOW;
RAS
, CAS, and WE are HIGH). This prevents unwanted commands from being registered during idle or wait states.
Operations already in progress are not affected.
MODE REGISTER SET (MRS or EMRS)
The mode registers are loaded via bank address and address inputs. The bank address balls determine which mode
register will be programmed. See sections on Mode Register and Extended Mode Register. The MRS and EMRS
commands can only be issued when all banks are idle, and a subsequent executable command cannot be issued until
tMRD is met.
ACTIVATE
The ACTIVATE command is used to open (or activate) a row in a particular bank for a subsequent access. The value
on the bank address inputs determines the bank, and the address inputs select the row. This row remains active (or
open) for accesses until a PRECHARGE command is issued to that bank. A PRECHARGE command must be issued
before opening a different row in the same bank.
READ
The READ command is used to initiate a burst read access to an active row. The value on the bank address inputs
determine the bank, and the address provided on address inputs A0–A9 selects the starting column location. The
value on input A10 determines whether or not auto precharge is used. If auto precharge is selected, the row being
accessed will be precharged at the end of the READ burst; if auto precharge is not selected, the row will remain open
for subsequent accesses.
DDR2 SDRAM also supports the AL feature, which allows a READ or WRITE command to be issued prior to tRCD
(MIN) by delaying the actual registration of the READ/WRITE command to the internal device by AL clock cycles.
WRITE
The WRITE command is used to initiate a burst write access to an active row. The value on the bank select inputs
selects the bank, and the address provided on inputs A0–A9 selects the starting column location. The value on input
A10 determines whether or not auto precharge is used. If auto precharge is selected, the row being accessed will be
precharged at the end of the WRITE burst; if auto precharge is not selected, the row will remain open for subsequent
accesses.
DDR2 SDRAM also supports the AL feature, which allows a READ or WRITE command to be issued prior to tRCD
(MIN) by delaying the actual registration of the READ/WRITE command to the internal device by AL clock cycles.
Input data appearing on the DQ is written to the memory array subject to the DM input logic level appearing coincident
with the data. If a given DM signal is registered LOW, the corresponding data will be written to memory; if the DM
signal is registered HIGH, the corresponding data inputs will be ignored, and a WRITE will not be executed to that
byte/column location.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com