Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS43DR16640C Datasheet(PDF) 29 Page - Integrated Silicon Solution, Inc

Part # IS43DR16640C
Description  Differential data strobe
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS43DR16640C Datasheet(HTML) 29 Page - Integrated Silicon Solution, Inc

Back Button IS43DR16640C Datasheet HTML 25Page - Integrated Silicon Solution, Inc IS43DR16640C Datasheet HTML 26Page - Integrated Silicon Solution, Inc IS43DR16640C Datasheet HTML 27Page - Integrated Silicon Solution, Inc IS43DR16640C Datasheet HTML 28Page - Integrated Silicon Solution, Inc IS43DR16640C Datasheet HTML 29Page - Integrated Silicon Solution, Inc IS43DR16640C Datasheet HTML 30Page - Integrated Silicon Solution, Inc IS43DR16640C Datasheet HTML 31Page - Integrated Silicon Solution, Inc IS43DR16640C Datasheet HTML 32Page - Integrated Silicon Solution, Inc IS43DR16640C Datasheet HTML 33Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 49 page
background image
Integrated Silicon Solution, Inc. — www.issi.com
29
Rev. 00A
6/4/2013
IS43/46DR81280C, IS43/46DR16640C
33. tDAL [nCK] = WR [nCK] + tnRP [nCK] = WR + RU {tRP [ps] / tCK(avg) [ps] }, where WR is the value programmed
in the mode register set.
34. New units, ‘tCK(avg)’ and ‘nCK’, are introduced in DDR2-667 and DDR2-800.
Unit ‘tCK(avg)’ represents the actual tCK(avg) of the input clock under operation.
Unit ‘nCK’ represents one clock cycle of the input clock, counting the actual clock edges.
Note that in DDR2-400 and DDR2-533, ‘tCK’ is used for both concepts.
ex) tXP = 2 [nCK] means; if Power Down exit is registered at Tm, an Active command may be registered at Tm+2,
even if (Tm+2 - Tm) is 2 x tCK(avg) + tERR(2per),min.
35. Input clock jitter spec parameter. These parameters and the ones in the table below are referred to as 'input clock
jitter spec parameters' and these parameters apply to DDR2-667 and DDR2-800 only. The jitter specified is a random
jitter meeting a Gaussian distribution.
Parameter
Symbol
DDR2-667
DDR2-800
Units Notes
min
max
min
max
Clock period jitter
tJIT(per)
-125
125
-100
100
ps
35
Clock period jitter during DLL locking
period
tJIT(per,lck)
-100
100
-80
80
ps
35
Cycle to cycle clock period jitter
tJIT(cc
-250
250
-200
200
ps
35
Cycle to cycle clock period jitter during
DLL locking period
tJIT(cc,lck)
-200
200
-160
160
ps
35
Cumulative error across 2 cycles
tERR(2per)
-175
175
-150
150
ps
35
Cumulative error across 3 cycles
tERR(3per)
-225
225
-175
175
ps
35
Cumulative error across 4 cycles
tERR(4per)
-250
250
-200
200
ps
35
Cumulative error across 5 cycles
tERR(5per)
-250
250
-200
200
ps
35
Cumulative error across n cycles, n = 6 ...
10, inclusive
tERR(6-
10per)
-350
350
-300
300
ps
35
Cumulative error across n cycles, n = 11
... 50, inclusive
tERR(11-
50per)
-450
450
-450
450
ps
35
Duty cycle jitter
tJIT(duty)
-125
125
-100
100
ps
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com