Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS43DR16640C Datasheet(PDF) 27 Page - Integrated Silicon Solution, Inc

Part # IS43DR16640C
Description  Differential data strobe
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS43DR16640C Datasheet(HTML) 27 Page - Integrated Silicon Solution, Inc

Back Button IS43DR16640C Datasheet HTML 23Page - Integrated Silicon Solution, Inc IS43DR16640C Datasheet HTML 24Page - Integrated Silicon Solution, Inc IS43DR16640C Datasheet HTML 25Page - Integrated Silicon Solution, Inc IS43DR16640C Datasheet HTML 26Page - Integrated Silicon Solution, Inc IS43DR16640C Datasheet HTML 27Page - Integrated Silicon Solution, Inc IS43DR16640C Datasheet HTML 28Page - Integrated Silicon Solution, Inc IS43DR16640C Datasheet HTML 29Page - Integrated Silicon Solution, Inc IS43DR16640C Datasheet HTML 30Page - Integrated Silicon Solution, Inc IS43DR16640C Datasheet HTML 31Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 49 page
background image
Integrated Silicon Solution, Inc. — www.issi.com
27
Rev. 00A
6/4/2013
IS43/46DR81280C, IS43/46DR16640C
10. The maximum limit for this parameter is not a device limit. The device will operate with a greater value for this
parameter, but system performance (bus turnaround) will degrade accordingly.
11. MIN ( tCL, tCH) refers to the smaller of the actual clock LOW time and the actual clock HIGH time as provided to
the device (i.e. this value can be greater than the minimum specification limits for tCL and tCH). For example, tCL and
tCH are = 50% of the period, less the half period jitter ( tJIT(HP)) of the clock source, and less the half period jitter due
to crosstalk ( tJIT(crosstalk)) into the clock traces.
12. tQH = tHP – tQHS, where:
tHP = minimum half clock period for any given cycle and is defined by clock HIGH or clock LOW (tCH, tCL). tQHS
accounts for:
1) The pulse duration distortion of on-chip clock circuits; and
2) The worst case push-out of DQS on one transition followed by the worst case pull-in of DQ on the next transition,
both of which are, separately, due to data pin skew and output pattern effects, and p-channel to n-channel variation of
the output drivers.
13. tDQSQ: Consists of data pin skew and output pattern effects, and p-channel to n-channel variation of the output
drivers as well as output slew rate mismatch between DQS / DQS and associated DQ in any given cycle.
14. tDAL = WR + RU{ tRP[ns] / tCK[ns] }, where RU stands for round up.
WR refers to the tWR parameter stored in the MRS. For tRP, if the result of the division is not already an integer, round
up to the next highest integer. tCK refers to the application clock period.
Example: For DDR533 at tCK = 3.75ns with WR programmed to 4 clocks.
tDAL = 4 + (15 ns / 3.75 ns) clocks = 4 + (4) clocks = 8 clocks.
15. The clock frequency is allowed to change during self–refresh mode or precharge power-down mode. In case of
clock frequency change during precharge power-down, a specific procedure is required as described in section 3.13.
16. ODT turn on time min is when the device leaves high impedance and ODT resistance begins to turn on. ODT turn
on time max is when the ODT resistance is fully on. Both are measured from tAOND, which is interpreted differently
per speed bin. For DDR2-400/533, tAOND is 10 ns (= 2 x 5 ns) after the clock edge that registered a first ODT HIGH
if tCK = 5 ns. For DDR2-667/800, tAOND is 2 clock cycles after the clock edge that registered a first ODT HIGH
counting the actual input clock edges.
17. ODT turn off time min is when the device starts to turn off ODT resistance. ODT turn off time max is when
the bus is in high impedance. Both are measured from tAOFD, which is interpreted differently per speed bin. For
DDR2-400/533, tAOFD is 12.5 ns (= 2.5 x 5 ns) after the clock edge that registered a first ODT LOW if tCK = 5 ns.
For DDR2-667/800, if tCK(avg) = 3 ns is assumed, tAOFD is 1.5 ns (= 0.5 x 3 ns) after the second trailing clock edge
counting from the clock edge that registered a first ODT LOW and by counting the actual input clock edges.
18. tHZ and tLZ transitions occur in the same access time as valid data transitions. These parameters are referenced
to a specific voltage level which specifies when the device output is no longer driving (tHZ), or begins driving (tLZ) .
One method to calculate the point when device is no longer driving (tHZ), or begins driving (tLZ) is by measuring the
signal at two different voltages. The actual voltage measurement points are not critical as long as the calculation is
consistent. tLZ(DQ) refers to tLZ of the DQ’s and tLZ(DQS) refers to tLZ of the (U/L/R)DQS and (U/L/R)DQS each
treated as single-ended signal.
19. tRPST end point and tRPRE begin point are not referenced to a specific voltage level but specify when the device
output is no longer driving (tRPST), or begins driving (tRPRE). One method to calculate these points when the device
is no longer driving (tRPST), or begins driving (tRPRE) is by measuring the signal at two different voltages. The actual
voltage measurement points are not critical as long as the calculation is consistent.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com