Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS43DR16640C Datasheet(PDF) 13 Page - Integrated Silicon Solution, Inc

Part # IS43DR16640C
Description  Differential data strobe
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS43DR16640C Datasheet(HTML) 13 Page - Integrated Silicon Solution, Inc

Back Button IS43DR16640C Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS43DR16640C Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS43DR16640C Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS43DR16640C Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS43DR16640C Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS43DR16640C Datasheet HTML 14Page - Integrated Silicon Solution, Inc IS43DR16640C Datasheet HTML 15Page - Integrated Silicon Solution, Inc IS43DR16640C Datasheet HTML 16Page - Integrated Silicon Solution, Inc IS43DR16640C Datasheet HTML 17Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 49 page
background image
Integrated Silicon Solution, Inc. — www.issi.com
13
Rev. 00A
6/4/2013
IS43/46DR81280C, IS43/46DR16640C
Symbol
Conditions
-25D/-25E
-3D
-37C
-5B
Units
DDR2-
800D/800E
DDR2-
667D
DDR2-
533C
DDR2-
400B
IDD0
Operating one bank active-precharge current;
tCK = tCK(IDD), tRC = tRC(IDD), tRAS = tRASmin(IDD);
CKE is HIGH, CS is HIGH between valid commands;
135
120
110
110
mA
Address bus inputs are SWITCHING; Data bus inputs are
SWITCHING
IDD1
Operating one bank active-read-precharge current;
IOUT = 0mA; BL = 4, CL = CL(IDD), AL = 0;
tCK = tCK(IDD), tRC = tRC (IDD), tRAS = tRASmin(IDD), tRCD =
tRCD(IDD);
CKE is HIGH, CS is HIGH between valid commands;
165
150
135
130
mA
Address bus inputs are SWITCHING; Data pattern is same as
IDD4W
IDD2P
Precharge power-down current; All banks idle;
tCK = tCK(IDD); CKE is LOW;
Other control and address bus inputs are STABLE;
13
11
10
10
mA
Data bus inputs are FLOATING
IDD2Q Precharge quiet standby current; All banks idle;
tCK = tCK(IDD);
CKE is HIGH, CS is HIGH; Other control and address bus inputs
are STABLE;
80
70
60
50
mA
Data bus inputs are FLOATING
IDD2N
Precharge standby current; All banks idle;
tCK = tCK(IDD);
CKE is HIGH, CS is HIGH; Other control and address bus inputs
are SWITCHING;
95
85
75
65
mA
Data bus inputs are SWITCHING
IDD3P
Active power-down current; All banks open;
tCK = tCK(IDD); CKE is LOW;
Power Down
Fast Exit
40
45
30
35
mA
Other control and address bus inputs are STABLE;
Data bus inputs are FLOATING
Power Down
Slow Exit
25
25
25
25
IDD3N Active standby current; All banks open;
tCK = tCK(IDD), tRAS = tRASmax(IDD), tRP = tRP(IDD);
CKE is HIGH, CS is HIGH between valid commands;
80
70
60
75
mA
Other control and address bus inputs are SWITCHING; Data bus
inputs are SWITCHING
IDD4W Operating burst write current; All banks open, Continuous burst
writes;
BL = 4, CL = CL(IDD), AL = 0; tCK = tCK(IDD), tRAS =
tRASmax(IDD), tRP = tRP(IDD);
CKE is HIGH, CS is HIGH between valid commands;
360
290
240
210
mA
Address bus inputs are SWITCHING; Data bus inputs are
SWITCHING
IDD Specifications & Test Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com