Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS43DR16640C Datasheet(PDF) 39 Page - Integrated Silicon Solution, Inc

Part # IS43DR16640C
Description  Differential data strobe
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS43DR16640C Datasheet(HTML) 39 Page - Integrated Silicon Solution, Inc

Back Button IS43DR16640C Datasheet HTML 35Page - Integrated Silicon Solution, Inc IS43DR16640C Datasheet HTML 36Page - Integrated Silicon Solution, Inc IS43DR16640C Datasheet HTML 37Page - Integrated Silicon Solution, Inc IS43DR16640C Datasheet HTML 38Page - Integrated Silicon Solution, Inc IS43DR16640C Datasheet HTML 39Page - Integrated Silicon Solution, Inc IS43DR16640C Datasheet HTML 40Page - Integrated Silicon Solution, Inc IS43DR16640C Datasheet HTML 41Page - Integrated Silicon Solution, Inc IS43DR16640C Datasheet HTML 42Page - Integrated Silicon Solution, Inc IS43DR16640C Datasheet HTML 43Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 49 page
background image
Integrated Silicon Solution, Inc. — www.issi.com
39
Rev. 00A
6/4/2013
IS43/46DR81280C, IS43/46DR16640C
Extended Mode Register 2 (EMR2)
The Extended Mode Register 2 controls refresh related features. The default value of the EMR(2) is not defined,
therefore the mode register must be programmed during initialization for proper operation. The EMR(2) is written
by asserting LOW on CS, RAS, CAS, WE, HIGH on BA1 and LOW on BA0 and BA2, while controlling the states
of address pins A0 - A13. The DDR2 SDRAM should be in all bank precharge state with CKE already HIGH prior
to writing into the EMR(2). The mode register set command cycle time (tMRD) must be satisfied to complete the
write operation to the EMR(2). Mode register contents can be changed using the same command and clock cycle
requirements during normal operation as long as all banks are in the precharge state.
EMR(2)
Address
Field
Mode
Register
BA1
1
BA2
0
BA0
0
A12
A13*1,3
*1
0
0
A11*1
0
A10*1
0
A9*1
0
A7
High Temperature Self-Refresh Rate Enable
0
Disable
1
Enable*2
A8*1
0
A7
SRF
A6*1
0
0
0
A5*1
A4*1
A3*1
0
0
0
0
A2*1
A1*1
A0*1
Notes:
1. A0-A6, A8-A13 are reserved for future use and must be set to 0 when programming the EMR(2).
2. Only Industrial and Automotive grade devices support the high temperature Self-Refresh Mode. The controller can set the EMR (2) [A7] bit to
enable this self-refresh rate if Tc > 85oC while in self-refresh operation. Toper may not be violated.
3. A13 is only applicable for x8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com