Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS43DR16640C Datasheet(PDF) 4 Page - Integrated Silicon Solution, Inc

Part # IS43DR16640C
Description  Differential data strobe
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS43DR16640C Datasheet(HTML) 4 Page - Integrated Silicon Solution, Inc

  IS43DR16640C Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS43DR16640C Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS43DR16640C Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS43DR16640C Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS43DR16640C Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS43DR16640C Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS43DR16640C Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS43DR16640C Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS43DR16640C Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 49 page
background image
4
Integrated Silicon Solution, Inc. — www.issi.com
Rev. 00A
6/4/2013
IS43/46DR81280C, IS43/46DR16640C
Symbol
Type
Function
DQ0-7 x8
DQ0-15 x16
Input/
Output
Data Input/Output: Bi-directional data bus.
DQS, (DQS)
RDQS, (RDQS) x8
UDQS, (UDQS),
LDQS, (LDQS) x16
Input/
Output
Data Strobe: output with read data, input with write data. Edge-aligned with read data,
centered in write data. The data strobes DQS(n) may be used in single ended mode
or paired with optional complementary signals DQS(n) to provide differential pair
signaling to the system during both reads and writes. A control bit at EMR(1)[A10]
enables or disables all complementary data strobe signals.
x8
DQS corresponds to the data on DQ0-DQ7
RDQS corresponds to the Read data on DQ0-DQ7, and is enabled by EMRS
command to EMR(1) [A11].
x16
LDQS corresponds to the data on DQ0-DQ7
UDQS corresponds to the data on DQ8-DQ15
NC
No Connect: No internal electrical connection is present.
VDDQ
Supply
DQ Power Supply: 1.8 V +/- 0.1 V
VSSQ
Supply
DQ Ground
VDDL
Supply
DLL Power Supply: 1.8 V +/- 0.1 V
VSSDL
Supply
DLL Ground
VDD
Supply
Power Supply: 1.8 V +/- 0.1 V
VSS
Supply
Ground
VREF
Supply
Reference voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com