Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS43DR16640C Datasheet(PDF) 30 Page - Integrated Silicon Solution, Inc

Part # IS43DR16640C
Description  Differential data strobe
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS43DR16640C Datasheet(HTML) 30 Page - Integrated Silicon Solution, Inc

Back Button IS43DR16640C Datasheet HTML 26Page - Integrated Silicon Solution, Inc IS43DR16640C Datasheet HTML 27Page - Integrated Silicon Solution, Inc IS43DR16640C Datasheet HTML 28Page - Integrated Silicon Solution, Inc IS43DR16640C Datasheet HTML 29Page - Integrated Silicon Solution, Inc IS43DR16640C Datasheet HTML 30Page - Integrated Silicon Solution, Inc IS43DR16640C Datasheet HTML 31Page - Integrated Silicon Solution, Inc IS43DR16640C Datasheet HTML 32Page - Integrated Silicon Solution, Inc IS43DR16640C Datasheet HTML 33Page - Integrated Silicon Solution, Inc IS43DR16640C Datasheet HTML 34Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 49 page
background image
30
Integrated Silicon Solution, Inc. — www.issi.com
Rev. 00A
6/4/2013
IS43/46DR81280C, IS43/46DR16640C
36. These parameters are specified per their average values, however it is understood that the following relationship
between the average timing and the absolute instantaneous timing holds at all times. (Min and max of SPEC values
are to be used for calculations in the table below.)
Parameter
Symbol
min
max
Units
Absolute clock period tCK(abs)
tCK(avg),min + tJIT(per),min
tCK(avg),max + tJIT(per),max
ps
Absolute clock HIGH
pulse width
tCH(abs)
tCH(avg),min x tCK(avg),min +
tJIT(duty),min
tCH(avg),max x tCK(avg),max +
tJIT(duty),max
ps
Absolute clock LOW
pulse width
tCL(abs)
tCL(avg),min x tCK(avg),min +
tJIT(duty),min
tCL(avg),max x tCK(avg),max +
tJIT(duty),max
ps
Example: For DDR2-667, tCH(abs),min = ( 0.48 x 3000 ps ) - 125 ps = 1315 ps
37. tHP is the minimum of the absolute half period of the actual input clock. tHP is an input parameter but not an input
specification parameter. It is used in conjunction with tQHS to derive the DRAM output timing tQH.
The value to be used for tQH calculation is determined by the following equation;
tHP = Min ( tCH(abs), tCL(abs) ),
where,
tCH(abs) is the minimum of the actual instantaneous clock HIGH time;
tCL(abs) is the minimum of the actual instantaneous clock LOW time;
38. tQHS accounts for:
1) The pulse duration distortion of on-chip clock circuits, which represents how well the actual tHP at the input is
transferred to the output; and
2) The worst case push-out of DQS on one transition followed by the worst case pull-in of DQ on the next transition,
both of which are independent of each other, due to data pin skew, output pattern effects, and pchannel to n-channel
variation of the output drivers
39. tQH = tHP – tQHS, where:
tHP is the minimum of the absolute half period of the actual input clock; and
tQHS is the specification value under the max column.
{The less half-pulse width distortion present, the larger the tQH value is; and the larger the valid data eye will be.}
Examples:
1) If the system provides tHP of 1315 ps into a DDR2-667 SDRAM, the DRAM provides tQH of 975 ps minimum.
2) If the system provides tHP of 1420 ps into a DDR2-667 SDRAM, the DRAM provides tQH of 1080 ps minimum.
40. When the device is operated with input clock jitter, this parameter needs to be derated by the actual tERR(6-
10per) of the input clock. (output deratings are relative to the SDRAM input clock.)
For example, if the measured jitter into a DDR2-667 SDRAM has tERR(6-10per),min = - 272 ps and tERR(6-10per),
max = + 293 ps, then tDQSCK,min(derated) = tDQSCK,min - tERR(6-10per),max = - 400 ps - 293 ps = - 693 ps and
tDQSCK,max(derated) = tDQSCK,max - tERR(6-10per),min = 400 ps + 272 ps = + 672 ps. Similarly, tLZ(DQ) for
DDR2-667 derates to tLZ(DQ),min(derated) = - 900 ps - 293 ps = - 1193 ps and tLZ(DQ),max(derated) = 450 ps + 272
ps = + 722 ps. (Caution on the min/max usage!)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com