Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS43DR16640C Datasheet(PDF) 32 Page - Integrated Silicon Solution, Inc

Part # IS43DR16640C
Description  Differential data strobe
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS43DR16640C Datasheet(HTML) 32 Page - Integrated Silicon Solution, Inc

Back Button IS43DR16640C Datasheet HTML 28Page - Integrated Silicon Solution, Inc IS43DR16640C Datasheet HTML 29Page - Integrated Silicon Solution, Inc IS43DR16640C Datasheet HTML 30Page - Integrated Silicon Solution, Inc IS43DR16640C Datasheet HTML 31Page - Integrated Silicon Solution, Inc IS43DR16640C Datasheet HTML 32Page - Integrated Silicon Solution, Inc IS43DR16640C Datasheet HTML 33Page - Integrated Silicon Solution, Inc IS43DR16640C Datasheet HTML 34Page - Integrated Silicon Solution, Inc IS43DR16640C Datasheet HTML 35Page - Integrated Silicon Solution, Inc IS43DR16640C Datasheet HTML 36Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 49 page
background image
32
Integrated Silicon Solution, Inc. — www.issi.com
Rev. 00A
6/4/2013
IS43/46DR81280C, IS43/46DR16640C
FUNCTIONAL DESCRIPTION
Power-up and Initialization
DDR2 SDRAMs must be powered up and initialized in a predefined manner. Operational procedures other than those
specified may result in undefined operation. For DDR2 SDRAMs, both bits BA0 and BA1 must be decoded for Mode/
Extended Mode Register Set (MRS/EMRS) commands. Users must initialize all four Mode Registers. The registers
may be initialized in any order.
Power-up and Initialization Sequence
The following sequence is required for Power-up and Initialization.
a) Either one of the following sequence is required for Power-up.
a1) While applying power, attempt to maintain CKE below 0.2 x VDDQ and ODT*1 at a LOW state (all other
inputs may be undefined.) The VDD voltage ramp time must be no greater than 200 ms from when VDD ramps
from 300 mV to VDD min; and during the VDD voltage ramp, |VDD-VDDQ| ≤ 0.3 volts. Once the ramping of the
supply voltages is complete (when VDDQ crosses VDDQ min), the supply voltage specifications provided in
"Recommended DC operating conditions" (SSTL_1.8), prevail.
- VDD, VDDL and VDDQ are driven from a single power converter output, AND
- VTT is limited to 0.95V max, AND
- VREF tracks VDDQ/2, VREF must be within +/- 300mV with respect to VDDQ/2 during supply ramp time.
- VDDQ ≥ VREF must be met at all times.
a2) While applying power, attempt to maintain CKE below 0.2 x VDDQ and ODT*1 at a LOW state, all other inputs
may be undefined, voltage levels at I/Os and outputs must be less than VDDQ during voltage ramp time to avoid
DRAM latch-up. During the ramping of the supply voltages, VDD ≥ VDDL ≥ VDDQ must be maintained and is
applicable to both AC and DC levels until the ramping of the supply voltages is complete, which is when VDDQ
crosses VDDQ min. Once the ramping of the supply voltages is complete, the supply voltage specifications provided
in "Recommended DC operating conditions" (SSTL_1.8), prevail.
- Apply VDD/VDDL before or at the same time as VDDQ.
- VDD/VDDL voltage ramp time must be no greater than 200ms from when VDD ramps from 300mV to VDD min
- Apply VDDQ before or at the same time as VTT.
- The VDDQ voltage ramp time from when VDD min is achieved on VDD to when VDDQ min is achieved on VDDQ
must be no greater than 500ms.
(Note: While VDD is ramping, current may be supplied from VDD through the DRAM to VDDQ.)
- VREF must track VDDQ/2, VREF must be within +/- 300mv with respect to VDDQ/2 during supply ramp time.
- VDDQ ≥ VREF must be met at all times.
- Apply VTT.
- The VTT voltage ramp time from when VDDQ min is achieved on VDDQ to when VTT min is achieved on VTT must
be no greater than 500ms.
b) Start clock and maintain stable condition.
c) For the minimum of 200
ms after stable power (VDD, VDDL, VDDQ, VREF and VTT are between their minimum and
maximum values as stated in "Recommended DC operating conditions" (SSTL_1.8)) and stable clock (CK, CK), then
apply NOP or Deselect & take CKE HIGH.
d) Wait minimum of 400ns then issue precharge all command. NOP or Deselect applied during 400 ns period.
e) Issue an EMRS command to EMR(2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com