Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS46DR16640C Datasheet(PDF) 10 Page - Integrated Silicon Solution, Inc

Part # IS46DR16640C
Description  Differential data strobe
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS46DR16640C Datasheet(HTML) 10 Page - Integrated Silicon Solution, Inc

Back Button IS46DR16640C Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 14Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 49 page
background image
10
Integrated Silicon Solution, Inc. — www.issi.com
Rev. 00A
6/4/2013
IS43/46DR81280C, IS43/46DR16640C
Differential input AC Logic Level
Symbol
Parameter
Min.
Max.
Units Notes
VID (ac)
ac differential input voltage
0.5
VDDQ
V
1,3
VIX (ac)
ac differential crosspoint voltage 0.5 x VDDQ - 0.175
0.5 x VDDQ + 0.175
V
2
Notes:
1. VID(AC) specifies the input differential voltage |VTR -VCP | required for switching, where VTR is the true input signal (such as CK, DQS and
VCP is the complementary input signal (such as CK or DQS). The minimum value is equal to VIH(AC) - VIL(AC).
2. The typical value of VIX(AC) is expected to be about 0.5 x VDDQ of the transmitting device and VIX(AC) is expected to track variations in
VDDQ. VIX(AC) indicates the voltage at which differential input signals must cross.
3. Refer to Overshoot/undershoot specifications for Vpeak value: maximum peak amplitude allowed for overshoot and undershoot.
Differential signal levels
VDDQ
Crossing point
VSSQ
VTR
VCP
VID
VIX or VOX
Differential AC Output Parameters
Symbol Parameter
Min.
Max.
Units Notes
VOX (ac) ac differential crosspoint voltage
0.5 x VDDQ - 0.125
0.5 x VDDQ + 0.125
V
1
Note:
1. The typical value of VOX(AC) is expected to be about 0.5 x VDDQ of the transmitting device and VOX(AC) is expected to track variations in
VDDQ. VOX(AC) indicates the voltage at which differential output signals must cross.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com