Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS46DR16640C Datasheet(PDF) 14 Page - Integrated Silicon Solution, Inc

Part # IS46DR16640C
Description  Differential data strobe
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS46DR16640C Datasheet(HTML) 14 Page - Integrated Silicon Solution, Inc

Back Button IS46DR16640C Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 14Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 15Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 16Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 17Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 18Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 49 page
background image
14
Integrated Silicon Solution, Inc. — www.issi.com
Rev. 00A
6/4/2013
IS43/46DR81280C, IS43/46DR16640C
Symbol
Conditions
-25D/-25E
-3D
-37C
-5B
Units
DDR2-
800D/800E
DDR2-
667D
DDR2-
533C
DDR2-
400B
IDD4R Operating burst read current; All banks open, Continuous burst
reads,
IOUT = 0 mA; BL = 4, CL = CL(IDD), AL = 0; tCK = tCK(IDD), tRAS
= tRASmax(IDD), tRP = tRP(IDD);
CKE is HIGH, CS is HIGH between valid commands;
345
275
230
190
mA
Address bus inputs are SWITCHING; Data pattern is same as
IDD4W
IDD5B Burst refresh current;
tCK = tCK(IDD); Refresh command at every tRFC(IDD) interval;
230
185
175
170
mA
CKE is HIGH, CS is HIGH between valid commands; Other control
and address bus inputs are SWITCHING;
Data bus inputs are SWITCHING
IDD6
Self refresh current;
CK and CK at 0 V; CKE
≤ 0.2 V;
Other control and address bus inputs are FLOATING;
3
3
3
3
mA
Data bus inputs are FLOATING
IDD7
Operating bank interleave read current;
All bank interleaving reads, IOUT = 0mA; BL = 4, CL = CL(IDD), AL
= tRCD(IDD) - 1 x tCK(IDD);
tCK = tCK(IDD), tRC = tRC(IDD), tRRD = tRRD(IDD),
tRCD = 1 x tCK(IDD);
CKE is HIGH, CS is HIGH between valid commands; Address bus
inputs are STABLE during DESELECTs;
Data pattern is same as IDD4R
370
350
340
265
mA
IDD Specifications & Test Conditions (continued)
Notes:
1. IDD specifications are tested after the device is properly initialized
2. Input slew rate is specified by AC Parametric Test Condition
3. IDD parameters are specified with ODT disabled.
4. Data bus consists of DQ, DM, DQS, DQS, RDQS, RDQS, LDQS, LDQS, UDQS, and UDQS. IDD values must be met with all combinations of
EMR(1) bits 10 and 11.
5. For DDR2-667/800 testing, tCK in the Conditions should be interpreted as tCK(avg)
6. Definitions for IDD
LOW = Vin ≤ VILAC(max)
HIGH = Vin ≥ VIHAC(min)
STABLE = inputs stable at a HIGH or LOW level
FLOATING = inputs at VREF = VDDQ/2
SWITCHING = inputs changing between HIGH and LOW every other clock cycle (once per two clocks) for address and control signals, and inputs
changing between HIGH and LOW every other data transfer (once per clock) for DQ signals not including masks or strobes.
7. The -25E, -37C, and-5B device specifications are shown for reference only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com