Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS46DR16640C Datasheet(PDF) 25 Page - Integrated Silicon Solution, Inc

Part # IS46DR16640C
Description  Differential data strobe
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS46DR16640C Datasheet(HTML) 25 Page - Integrated Silicon Solution, Inc

Back Button IS46DR16640C Datasheet HTML 21Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 22Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 23Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 24Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 25Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 26Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 27Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 28Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 29Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 49 page
background image
Integrated Silicon Solution, Inc. — www.issi.com
25
Rev. 00A
6/4/2013
IS43/46DR81280C, IS43/46DR16640C
9. Input Setup and Hold Time Derating (tIS, tIH)
tIS, tIH Derating Values for DDR2-400, DDR2-533
CK, /CK Differential Slew Rate
2.0 V/ns
1.5 V/ns
1.0 V/ns
Units
Notes
DtIS
DtIH
DtIS
DtIH
DtIS
DtIH
Command/
Address
Slew rate
(V/ns)
4.0
187
94
217
124
247
154
ps
1
3.5
179
89
209
119
239
149
ps
1
3
167
83
197
113
227
143
ps
1
2.5
150
75
180
105
210
135
ps
1
2.0
125
45
155
75
185
105
ps
1
1.5
83
21
113
51
143
81
ps
1
1.0
0
0
30
30
60
60
ps
1
0.9
-11
-14
19
16
49
46
ps
1
0.8
-25
-31
5
-1
35
29
ps
1
0.7
-43
-54
-13
-24
17
6
ps
1
0.6
-67
-83
-37
-53
-7
-23
ps
1
0.5
-110
-125
-80
-95
-50
-65
ps
1
0.4
-175
-188
-145
-158
-115
-128
ps
1
0.3
-285
-292
-255
-262
-225
-232
ps
1
0.25
-350
-375
-320
-345
-290
-315
ps
1
0.2
-525
-500
-495
-470
-465
-440
ps
1
0.15
-800
-708
-770
-678
-740
-648
ps
1
0.1
-1450
-1125
-1420
-1095
-1390
-1065
ps
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com