Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS46DR16640C Datasheet(PDF) 16 Page - Integrated Silicon Solution, Inc

Part # IS46DR16640C
Description  Differential data strobe
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS46DR16640C Datasheet(HTML) 16 Page - Integrated Silicon Solution, Inc

Back Button IS46DR16640C Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 14Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 15Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 16Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 17Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 18Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 19Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 20Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 49 page
background image
16
Integrated Silicon Solution, Inc. — www.issi.com
Rev. 00A
6/4/2013
IS43/46DR81280C, IS43/46DR16640C
Electrical Characteristics & AC Timing Specifications
Refresh parameters (TOPER; VDDQ = 1.8 V +/- 0.1 V; VDD = 1.8 V +/- 0.1 V)
Parameter
Symbol
Units
Notes
Refresh to active/Refresh command time
tRFC
127.5
ns
1
Average periodic refresh interval
tREFI
-40oC
≤ Tc < 0oC
7.8
ms
1,2
0oC
≤ Tc ≤ 85oC
7.8
ms
1
85oC < Tc
≤ 95oC
3.9
ms
1,2
95oC < Tc
≤ 105oC
3.9
ms
1,2,3
Notes:
1. If refresh timing is violated, data corruption may occur and the data must be re-written with valid data before a valid READ can be executed.
2. Specified for Industrial and Automotive grade only; not applicable for Commercial grade. Toper may not be violated.
3. Specified for Automotive grade (A2) only; not applicable for any other grade. Toper may not be violated.
Note:
Each of the -25D and -3D speed options is individually backward compatible with all the timing specifications for slower options (ie. -25D
complies with specifications for -25D, -25E, -3D, -37C, -5B). -25E, -37C, and -5B shown for reference only.
Key Timing Parameters by Speed Grade
-25D
-25E
-3D
-37C
-5B
Speed bin (JEDEC)
DDR2-800D
DDR2-800E
DDR2-667D
DDR2-533C
DDR2-400B
CL-tRCD-tRP
5-5-5
6-6-6
5-5-5
4-4-4
3-3-3
tRCD
12.5
15
15
15
15
tRP
12.5
15
15
15
15
tRC
55
55
55
55
55
tRAS
40
40
40
40
40
tCK(avg)@CL=3
5
5
5
5
5
tCK(avg)@CL=4
3.75
3.75
3.75
3.75
5
tCK(avg)@CL=5
2.5
3
3
–
–
tCK(avg)@CL=6
2.5
2.5
–
–
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com