Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS46DR16640C Datasheet(PDF) 24 Page - Integrated Silicon Solution, Inc

Part # IS46DR16640C
Description  Differential data strobe
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS46DR16640C Datasheet(HTML) 24 Page - Integrated Silicon Solution, Inc

Back Button IS46DR16640C Datasheet HTML 20Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 21Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 22Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 23Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 24Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 25Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 26Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 27Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 28Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 49 page
background image
24
Integrated Silicon Solution, Inc. — www.issi.com
Rev. 00A
6/4/2013
IS43/46DR81280C, IS43/46DR16640C
DDR2-400/533 tDS1/tDH1 derating with single-ended data strobe
DtDS1, DtDH1 derating values for DDR2-400, DDR2-533 (All units in ‘ps’; the note applies to the entire table)
DQS, Single-ended Slew Rate
2.0 V/ns
1.5 V/ns
1.0 V/ns
0.9 V/ns
0.8 V/ns
0.7 V/ns
0.6 V/ns
0.5 V/ns
0.4 V/ns
DtDS1 DtDH1 DtDS1 DtDH1 DtDS1 DtDH DtDS1 DtDH1 DtDS1 DtDH1 DtDS1 DtDH1 DtDS1 DtDH1 DtDS1 DtDH1 DtDS1 DtDH1
DQ
Slew
rate
V/ns
2.0 188
167
145
125
63
-
-
-
-
-
-
-
-
-
-
-
-
-
1.5 146
167
125
125
83
42
81
43
-
-
-
-
-
-
-
-
-
-
1.0
63
125
42
83
0
0
-2
1
-7
-13
-
-
-
-
-
-
-
-
0.9
-
-
31
69
-11
-14
-13
-13
-18
-27
-29
-45
-
-
-
-
-
-
0.8
-
-
-
-
-25
-31
-27
-30
-32
-44
-43
-62
-60
-86
-
-
-
-
0.7
-
-
-
-
-
-
-45
-53
-50
-67
-61
-85
-78
-109 -108 -152
-
-
0.6
-
-
-
-
-
-
-
-
-74
-96
-85
-114 -102 -138 -132 -181 -183 -246
0.5
-
-
-
-
-
-
-
-
-
-
-128 -156 -145 -180 -175 -223 -226 -288
0.4
-
-
-
-
-
-
-
-
-
-
-
-
-210 -243 -240 -286 -291 -351
For all input signals the total tDS (setup time) and tDH (hold time) required is calculated by adding the data sheet
tDS(base) and tDH(base) value to the
DtDS and DtDH derating value respectively. Example: tDS (total setup time) =
tDS(base) +
DtDS.
Setup (tDS) nominal slew rate for a rising signal is defined as the slew rate between the last crossing of VREF(dc) and
the first crossing of Vih(ac)min. Setup (tDS) nominal slew rate for a falling signal is defined as the slew rate between
the last crossing of VREF(dc) and the first crossing of Vil(ac)max. If the actual signal is always earlier than the nominal
slew rate line between shaded ‘VREF(dc) to ac region’, use nominal slew rate for derating value. If the actual signal is
later than the nominal slew rate line anywhere between shaded ‘VREF(dc) to ac region’, the slew rate of a tangent line
to the actual signal from the ac level to dc level is used for derating value.
Hold (tDH) nominal slew rate for a rising signal is defined as the slew rate between the last crossing of Vil(dc)max and
the first crossing of VREF(dc). Hold (tDH) nominal slew rate for a falling signal is defined as the slew rate between the
last crossing of Vih(dc)min and the first crossing of VREF(dc). If the actual signal is always later than the nominal slew
rate line between shaded ‘dc level to VREF(dc) region’, use nominal slew rate for derating value. If the actual signal is
earlier than the nominal slew rate line anywhere between shaded ‘dc to VREF(dc) region’, the slew rate of a tangent
line to the actual signal from the dc level to VREF(dc) level is used for derating value.
Although for slow slew rates the total setup time might be negative (i.e. a valid input signal will not have reached VIH/
IL(ac) at the time of the rising clock transition) a valid input signal is still required to complete the transition and reach
VIH/IL(ac).
For slew rates in between the values listed in the "Data Setup and Hold Time Derating" tables, the derating values
may obtained by linear interpolation.
These values are typically not subject to production test. They are verified by design and characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com