Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS46DR16640C Datasheet(PDF) 33 Page - Integrated Silicon Solution, Inc

Part # IS46DR16640C
Description  Differential data strobe
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS46DR16640C Datasheet(HTML) 33 Page - Integrated Silicon Solution, Inc

Back Button IS46DR16640C Datasheet HTML 29Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 30Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 31Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 32Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 33Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 34Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 35Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 36Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 37Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 49 page
background image
Integrated Silicon Solution, Inc. — www.issi.com
33
Rev. 00A
6/4/2013
IS43/46DR81280C, IS43/46DR16640C
Power-up and Initialization Sequence (cont'd)
f) Issue an EMRS command to EMR(3).
g) Issue EMRS to enable DLL.
h) Issue a Mode Register Set command for DLL reset.
i) Issue a precharge all command.
j) Issue 2 or more auto-refresh commands.
k) Issue a MRS command with LOW to A8 to initialize device operation. (i.e. to program operating parameters without
resetting the DLL.)
l) At least 200 clocks after step h, execute OCD Calibration. This is done by EMRS to EMR(1) to set OCD Calibration
Default (A9=A8=A7=HIGH) followed by EMRS to EMR(1) to exit OCD Calibration Mode (A9=A8=A7=LOW) must be
issued with other operating parameters of EMR(1).
m) The DDR2 SDRAM is now ready for normal operation.
Initialization Sequence after Power-Up
/CK
CK
CKE
Command
PRE
ALL
PRE
ALL
EMRS
MRSREF
REF
MRSEMRS
EMRS
ANY
CMD
DLL
ENABLE
DLL
RESET
OCD
Default
OCD
CAL. MODE
EXIT
Follow OCD
Flowchart
400ns
tRFC
tRFC
tRP
tRP
tMRD
tMRD
tMRD
tOIT
min 200 Cycle
NOP
ODT
tCL
tCH
tIS
tIS
Programming the Mode and Extended Mode Registers
For application flexibility, burst length, burst type, CAS latency, DLL reset function, write recovery time (WR) are user
defined variables and must be programmed with a Mode Register Set (MRS) command. Additionally, DLL disable
function, driver impedance, additive CAS latency, ODT (On Die Termination), single-ended strobe, and OCD (off chip
driver impedance adjustment) are also user defined variables and must be programmed with an Extended Mode
Register Set (EMRS) command. Contents of the Mode Register or Extended Mode Registers can be altered by re-
executing the MRS or EMRS Commands. Even if the user chooses to modify only a subset of the MR, or EMR(1),
EMR(2), or EMR(3) variables, all variables within the addressed register must be redefined when the MRS or EMRS
commands are issued.
MRS, EMRS and Reset DLL do not affect memory array contents, which means re-initialization including those can be
executed at any time after power-up without affecting memory array contents.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com