Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS46DR16640C Datasheet(PDF) 28 Page - Integrated Silicon Solution, Inc

Part # IS46DR16640C
Description  Differential data strobe
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS46DR16640C Datasheet(HTML) 28 Page - Integrated Silicon Solution, Inc

Back Button IS46DR16640C Datasheet HTML 24Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 25Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 26Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 27Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 28Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 29Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 30Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 31Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 32Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 49 page
background image
28
Integrated Silicon Solution, Inc. — www.issi.com
Rev. 00A
6/4/2013
IS43/46DR81280C, IS43/46DR16640C
20. Input waveform timing tDS with differential data strobe enabled is referenced from the input signal crossing at
the VIH(ac) level to the differential data strobe crosspoint for a rising signal, and from the input signal crossing at the
VIL(ac) level to the differential data strobe crosspoint for a falling signal applied to the device under test. DQS, DQS
signals must be monotonic between Vil(dc)max and Vih(dc)min.
21. Input waveform timing tDH with differential data strobe enabled is referenced from the differential data strobe
crosspoint to the input signal crossing at the VIH(dc) level for a falling signal and from the differential data strobe
crosspoint to the input signal crossing at the VIL(dc) level for a rising signal applied to the device under test. DQS,
DQS signals must be monotonic between Vil(dc)max and Vih(dc)min.
22. Input waveform timing is referenced from the input signal crossing at the VIH(ac) level for a rising signal and
VIL(ac) for a falling signal applied to the device under test.
23. Input waveform timing is referenced from the input signal crossing at the VIL(dc) level for a rising signal and
VIH(dc) for a falling signal applied to the device under test.
24. tWTR is at lease two clocks (2 x tCK or 2 x nCK) independent of operation frequency.
25. Input waveform timing with single-ended data strobe enabled, is referenced from the input signal crossing at the
VIH(ac) level to the single-ended data strobe crossing VIH/L(dc) at the start of its transition for a rising signal, and
from the input signal crossing at the VIL(ac) level to the single-ended data strobe crossing VIH/L(dc) at the start of its
transition for a falling signal applied to the device under test. The DQS signal must be monotonic between Vil(dc)max
and Vih(dc)min.
26. Input waveform timing with single-ended data strobe enabled, is referenced from the input signal crossing at the
VIH(dc) level to the single-ended data strobe crossing VIH/L(ac) at the end of its transition for a rising signal, and
from the input signal crossing at the VIL(dc) level to the single-ended data strobe crossing VIH/L(ac) at the end of its
transition for a falling signal applied to the device under test. The DQS signal must be monotonic between Vil(dc)max
and Vih(dc)min.
27. tCKEmin of 3 clocks means CKE must be registered on three consecutive positive clock edges. CKE must remain
at the valid input level the entire time it takes to achieve the 3 clocks of registration. Thus, after any CKE transition,
CKE may not transition from its valid level during the time period of tIS + 2 x tCK + tIH.
28. If tDS or tDH is violated, data corruption may occur and the data must be re-written with valid data before a valid
READ can be executed.
29. These parameters are measured from a command/address signal (CKE, CS, RAS, CAS, WE, ODT, BA0, A0, A1,
etc.) transition edge to its respective clock signal (CK/CK) crossing. The spec values are not affected by the amount
of clock jitter applied (i.e. tJIT(per), tJIT(cc), etc.), as the setup and hold are relative to the clock signal crossing that
latches the command/address. That is, these parameters should be met whether clock jitter is present or not.
30. These parameters are measured from a data strobe signal ((L/U/R)DQS/DQS) crossing to its respective clock
signal (CK/CK) crossing. The spec values are not affected by the amount of clock jitter applied (i.e. tJIT(per), tJIT(cc),
etc.), as these are relative to the clock signal crossing. That is, these parameters should be met whether clock jitter is
present or not.
31. These parameters are measured from a data signal ((L/U)DM, (L/U)DQ0, (L/U)DQ1, etc.) transition edge to its
respective data strobe signal ((L/U/R)DQS/ DQS) crossing.
32. For these parameters, the DDR2 SDRAM device is characterized and verified to support tnPARAM = RU{tPARAM
/ tCK(avg)}, which is in clock cycles, assuming all input clock jitter specifications are satisfied.
For example, the device will support tnRP = RU{tRP / tCK(avg)}, which is in clock cycles, if all input clock jitter
specifications are met. This means: For DDR2-667 5-5-5, of which tRP = 15ns, the device will support tnRP = RU{tRP
/ tCK(avg)} = 5, i.e. as long as the input clock jitter specifications are met, Precharge command at Tm and Active
command at Tm+5 is valid even if (Tm+5 - Tm) is less than 15ns due to input clock jitter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com