Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS46DR16640C Datasheet(PDF) 12 Page - Integrated Silicon Solution, Inc

Part # IS46DR16640C
Description  Differential data strobe
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS46DR16640C Datasheet(HTML) 12 Page - Integrated Silicon Solution, Inc

Back Button IS46DR16640C Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 14Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 15Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 16Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 49 page
background image
12
Integrated Silicon Solution, Inc. — www.issi.com
Rev. 00A
6/4/2013
IS43/46DR81280C, IS43/46DR16640C
Output Buffer Characteristics
Output AC Test Conditions
Symbol
Parameter
SSTL_18
Units
Notes
VOTR
Output Timing Measurement Reference Level
0.5 x VDDQ
V
1
Output DC Current Drive
Symbol
Parameter
SSTL_18
Units
Notes
IOH(dc)
Output Minimum Source DC Current
- 13.4
mA
1, 3, 4
IOL(dc)
Output Minimum Sink DC Current
13.4
mA
2, 3, 4
Notes:
1. VDDQ = 1.7 V; VOUT = 1420 mV. (VOUT - VDDQ)/IOH must be less than 21 Ω for values of VOUT between VDDQ and VDDQ - 280 mV.
2. VDDQ = 1.7 V; VOUT = 280 mV. VOUT/IOL must be less than 21 Ω for values of VOUT between 0 V and 280 mV.
3. The dc value of VREF applied to the receiving device is set to VTT
4. The values of IOH(dc) and IOL(dc) are based on the conditions given in Notes 1 and 2. They are used to test device drive current capability to
ensure VIH min plus a noise margin and VIL max minus a noise margin are delivered to an SSTL_18 receiver. The actual current values are
derived by shifting the desired driver operating point (see Section 3.3 of JESD8-15A) along a 21 Ω load line to define a convenient driver cur-
rent for measurement.
OCD Default Characteristics
Description
Parameter
Min
Nom
Max
Unit Notes
Output impedance
See full strength default
driver characteristics
Ω
1
Output impedance step size
for OCD calibration
0
1.5
Ω
6
Pull-up and pull-down
mismatch
0
4
Ω
1,2,3
Output slew rate
Sout
1.5
5
V/ns 1,4,5,7,8,9
Notes:
1. Absolute Specifications (TOPER; VDD = +1.8V ±0.1V, VDDQ = +1.8V ±0.1V). DRAM I/O specifications for timing, voltage, and slew rate are no
longer applicable if OCD is changed from default settings.
2. Impedance measurement condition for output source dc current: VDDQ = 1.7 V; VOUT = 1420 mV; (VOUTVDDQ)/IOH must be less than 23.4
Ω for values of VOUT between VDDQ and VDDQ - 280 mV. Impedance measurement condition for output sink dc current: VDDQ = 1.7 V;
VOUT = 280 mV; VOUT/IOL must be less than 23.4 Ω for values of VOUT between 0 V and 280 mV.
3. Mismatch is absolute value between pull-up and pull-down, both are measured at same temperature and voltage.
4. Slew rate measured from VIL(ac) to VIH(ac).
5. The absolute value of the slew rate as measured from DC to DC is equal to or greater than the slew rate as measured from AC to AC. This is
guaranteed by design and characterization.
6. This represents the step size when the OCD is near 18 Ω at nominal conditions across all process corners/variations and represents only the
DRAM uncertainty. A 0 Ω value (no calibration) can only be achieved if the OCD impedance is 18 Ω +/-0.75 Ω under nominal conditions.
7. DRAM output slew rate specification applies to 400 MT/s, 533 MT/s & 667 MT/s speed bins.
8. Timing skew due to DRAM output slew rate mis-match between DQS / DQS and associated DQ’s is included in tDQSQ and tQHS specification.
9. DDR2 SDRAM output slew rate test load is defined in General Note 3 of the AC Timing specification Table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com