Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS46DR16640C Datasheet(PDF) 11 Page - Integrated Silicon Solution, Inc

Part # IS46DR16640C
Description  Differential data strobe
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS46DR16640C Datasheet(HTML) 11 Page - Integrated Silicon Solution, Inc

Back Button IS46DR16640C Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 14Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 15Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
Integrated Silicon Solution, Inc. — www.issi.com
11
Rev. 00A
6/4/2013
IS43/46DR81280C, IS43/46DR16640C
OVERSHOOT/UNDERSHOOT SPECIFICATION
AC overshoot/undershoot specification for Address and Control pins
Parameter
Specification
DDR2-400
DDR2-533
DDR2-667
DDR2-800
Maximum peak amplitude allowed for overshoot area
0.5V
0.5V
0.5V
0.5V
Maximum peak amplitude allowed for undershoot area
0.5V
0.5V
0.5V
0.5V
Maximum overshoot area above VDD (see figure below)
1.33 V-ns
1.0 V-ns
0.8 V-ns
0.66 V-ns
Maximum undershoot area below VSS (see figure below)
1.33 V-ns
1.0 V-ns
0.8 V-ns
0.66 V-ns
OvershootArea
Maximum Amplitude
VDD
Undershoot Area
MaximumAmplitude
VSS
Volts
(V)
Time (ns)
OvershootArea
Maximum Amplitude
VDDQ
UndershootArea
MaximumAmplitude
VSSQ
Volts
(V)
Time (ns)
AC overshoot and undershoot definition for address and control pins
AC overshoot/undershoot specification for Clock, Data, Strobe, and Mask pins:
DQ, (U/L/R) DQS, (U/L/R) DQS, DM, CK, CK
Parameter
Specification
DDR2-400
DDR2-533 DDR2-667
DDR2-800
Maximum peak amplitude allowed for overshoot area
0.5V
0.5V
0.5V
0.5V
Maximum peak amplitude allowed for undershoot area
0.5V
0.5V
0.5V
0.5V
Maximum overshoot area above VDDQ (See Figure below)
0.38 V-ns
0.28 V-ns
0.23 V-ns
0.23 V-ns
Maximum undershoot area below VSSQ (See Figure below)
0.38 V-ns
0.28 V-ns
0.23 V-ns
0.23 V-ns
AC overshoot and undershoot definition for clock, data, strobe, and mask pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com