Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS46DR16640C Datasheet(PDF) 46 Page - Integrated Silicon Solution, Inc

Part # IS46DR16640C
Description  Differential data strobe
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS46DR16640C Datasheet(HTML) 46 Page - Integrated Silicon Solution, Inc

Back Button IS46DR16640C Datasheet HTML 41Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 42Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 43Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 44Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 45Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 46Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 47Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 48Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 49Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 46 / 49 page
background image
46
Integrated Silicon Solution, Inc. — www.issi.com
Rev. 00A
6/4/2013
IS43/46DR81280C, IS43/46DR16640C
ORDERING INFORMATION: x8
Clock (MHz) Speed Grade CL-tRCD-tRP Order Part No.
Package
400
DDR2-800D
5-5-5
IS43DR81280C-25DBL
60 Ball BGA, Lead-free
333
DDR2-667D
5-5-5
IS43DR81280C-3DBL
60 Ball BGA, Lead-free
Clock (MHz) Speed Grade CL-tRCD-tRP Order Part No.
Package
400
DDR2-800D
5-5-5
IS43DR81280C-25DBLI
60 Ball BGA, Lead-free
333
DDR2-667D
5-5-5
IS43DR81280C-3DBLI
60 Ball BGA, Lead-free
Commercial Range: Tc = 0°C to +85°C
Industrial Range: Tc = -40°C to +95°C, Ta = -40°C to +85°C
Clock (MHz) Speed Grade
CL-tRCD-tRP Order Part No.
Package
400
DDR2-800D
5-5-5
IS43DR81280C-25DBLA1
60 Ball BGA, Lead-free
333
DDR2-667D
5-5-5
IS43DR81280C-3DBLA1
60 Ball BGA, Lead-free
Clock (MHz) Speed Grade
CL-tRCD-tRP Order Part No.
Package
400
DDR2-800D
5-5-5
IS43DR81280C-25DBLA1
60 Ball BGA, Lead-free
333
DDR2-667D
5-5-5
IS43DR81280C-3DBLA1
60 Ball BGA, Lead-free
Automotive Range, A1: Tc = -40°C to +95°C, Ta = -40°C to +85°C
Automotive Range, A2: Tc = -40°C to +105°C, Ta = -40°C to +105°C
Notes:
1. Please contact ISSI for availability of leaded options.
2. The -3D, and -25D speed options are backward compatible with all the timing specifications for slower grades.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com