Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS46DR16640C Datasheet(PDF) 19 Page - Integrated Silicon Solution, Inc

Part # IS46DR16640C
Description  Differential data strobe
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS46DR16640C Datasheet(HTML) 19 Page - Integrated Silicon Solution, Inc

Back Button IS46DR16640C Datasheet HTML 15Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 16Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 17Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 18Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 19Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 20Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 21Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 22Page - Integrated Silicon Solution, Inc IS46DR16640C Datasheet HTML 23Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 49 page
background image
Integrated Silicon Solution, Inc. — www.issi.com
19
Rev. 00A
6/4/2013
IS43/46DR81280C, IS43/46DR16640C
Parameter
Symbol
DDR2-667
DDR2-800
Units
Notes
Min.
Max.
Min.
Max
Average clock period
tCK(avg)
3
8
2.5
8
ns
35,36
Average clock HIGH pulse width
tCH(avg)
0.45
0.55
0.45
0.55
tCK(avg)
35,36
Average clock LOW pulse width
tCL(avg)
0.45
0.55
0.45
0.55
tCK(avg)
35,36
DQS latching rising transitions to associated
clock edges
tDQSS
- 0.25
0.25
- 0.25
0.25
tCK(avg)
30
DQS falling edge to CK setup time
tDSS
0.2
–
0.2
–
tCK(avg)
30
DQS falling edge hold time from CK
tDSH
0.2
–
0.2
–
tCK(avg)
30
DQS input HIGH pulse width
tDQSH
0.35
–
0.35
–
tCK(avg)
DQS input LOW pulse width
tDQSL
0.35
–
0.35
–
tCK(avg)
Write preamble
tWPRE
0.35
–
0.35
–
tCK(avg)
Write postamble
tWPST
0.4
0.6
0.4
0.6
tCK(avg)
10
Address and control input setup time
tIS(base)
200
–
175
–
ps
5, 7, 9, 22,
29
Address and control input hold time
tIH(base)
275
–
250
–
ps
5, 7, 9, 23,
29
Control & Address input pulse width for each
input
tIPW
0.6
–
0.6
–
tCK(avg)
DQ and DM input setup time
tDS(base)
50
–
50
–
ps
6, 7, 8, 20,
28, 31
DQ and DM input hold time
tDH(base)
175
–
125
–
ps
6, 7, 8, 21,
28, 31
DQ and DM input pulse width for each input
tDIPW
0.35
–
0.35
–
tCK(avg)
DQ output access time from CK/CK
tAC
- 450
450
- 400
400
ps
40
DQS output access time from CK/CK
tDQSCK
- 400
400
- 350
350
ps
40
Data-out high-impedance time from CK/CK
tHZ
–
tAC,max
–
tAC,
max
ps
18,40
DQS/DQS low-impedance time from CK/CK
tLZ(DQS)
tAC,min
tAC,max
tAC,min
tAC,
max
ps
18,40
DQ low-impedance time from CK/CK
tLZ(DQ)
2 x tAC,min tAC,max 2 x tAC,min
tAC,
max
ps
18,40
DQS-DQ skew for DQS and associated DQ
signals
tDQSQ
–
240
–
200
ps
13
CK half pulse width
tHP
Min(
tCH(abs),
tCL(abs) )
–
Min(
tCH(abs),
tCL(abs) )
–
ps
37
DQ hold skew factor
tQHS
–
340
–
300
ps
38
DQ/DQS output hold time from DQS
tQH
tHP - tQHS
–
tHP - tQHS
–
ps
39
Read preamble
tRPRE
0.9
1.1
0.9
1.1
tCK(avg)
19,41
Read postamble
tRPST
0.4
0.6
0.4
0.6
tCK(avg)
19,42
Timing Parameters by Speed Grade (DDR2-667 and DDR2-800)
(For information related to the entries in this table, refer to both the Guidelines and the Specific Notes following this Table.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com