Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM98722CCMT/NOPB Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # LM98722CCMT/NOPB
Description  Channel, 16-Bit, 45 MSPS Analog Front End
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM98722CCMT/NOPB Datasheet(HTML) 32 Page - Texas Instruments

Back Button LM98722CCMT/NOPB Datasheet HTML 28Page - Texas Instruments LM98722CCMT/NOPB Datasheet HTML 29Page - Texas Instruments LM98722CCMT/NOPB Datasheet HTML 30Page - Texas Instruments LM98722CCMT/NOPB Datasheet HTML 31Page - Texas Instruments LM98722CCMT/NOPB Datasheet HTML 32Page - Texas Instruments LM98722CCMT/NOPB Datasheet HTML 33Page - Texas Instruments LM98722CCMT/NOPB Datasheet HTML 34Page - Texas Instruments LM98722CCMT/NOPB Datasheet HTML 35Page - Texas Instruments LM98722CCMT/NOPB Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 150 page
background image
OS
R
or
OS
G
or
OS
B
f
PIXEL
VCLP
C
SH
LM98722
SNAS487B – SEPTEMBER 2009 – REVISED MARCH 2015
www.ti.com
7.4.6 DC Coupled Applications
In some applications, particularly with CIS sensors, the output voltage is within a voltage range that will allow DC
coupling of the signal. When using Sample/Hold mode, DC coupling eliminates any problems with signal droop
across the line caused by voltage changes across the coupling capacitor. When DC coupling, the Auto CLPIN
should be disabled.
There are two ways of setting the proper DC levels in this type of application. If the sensor has a Vref output pin,
this can be connected to the VCLP pin of the LM98722. The internal VCLP generation should be disabled to
allow this external reference to set the Black Level for the chip close to the black pixel level of the sensor.
Many CIS sensors will not have a Vref output. In these applications, the internal VCLP voltage of the LM98722
can be set to the level that is closest to the black pixel level of the sensor.
Figure 9. Equivalent Input Switched Capacitance S/H Mode
In Sample and Hold Mode, the impedance of the analog input pins is dominated by the switched capacitance of
the CDS/Sample and Hold amplifier. The amplifier switched capacitance, shown as CS in Figure 8, and internal
parasitic capacitances can be estimated by a single capacitor switched between the analog input and the VCLP
reference pin for Sample and Hold mode. During each pixel cycle, the modeled capacitor, CSH, is charged to the
OSX-VCLP voltage then discharged. The average input current at the OSX pin can be calculated knowing the
input signal amplitude and the frequency of the pixel. If the application requires AC coupling of the CCD output to
the LM98722 analog inputs, the Sample and Hold Mode input bias current may degrade the DC bias point of the
coupling capacitor. To overcome this, Input Source Follower Buffers are available to isolate the larger Sample
and Hold Mode input bias currents from the analog input pin (as discussed in Input Source Follower Buffers). As
shown in CDS Mode section, the input bias current is much lower for CDS mode, eliminating the need for the
source follower buffers.
7.4.7 Input Source Follower Buffers
The OSR, OSG, OSB inputs each have an optional Source Follower Buffer which can be selected with Main
Configuration Register 3 at Page 0, Register 3, Bit[7]. These source followers provide a much higher impedance
seen at the inputs. In some configurations, such as Sample and Hold Mode with AC coupled inputs, the DC bias
point of the input nodes must remain as constant as possible over the entire length of the line to ensure a
uniform comparison to reference level (VCLP in this case). The Source Followers effectively isolate the AC input
coupling capacitor from the switched capacitor network internal to the LM98722’s Sample and Hold/ CDS
Amplifier. This results in a greatly reduced charge loss or gain on the AC Input coupling capacitor over the length
of a line, thereby preserving its DC bias point.
The Source Followers should only be used in the 1.2 V input range (i.e. Gain Mode Register at Page 1, Register
0, Bit[0] = 1, CDS Gain = 2x). Using the Source Followers in the 2.4 V (that is, Gain Mode Register at Page 1,
Register 0, Bit[0] = 0, CDS Gain = 1x). Input range will result in a loss of performance (mainly linearity
performance at the high and low ends of the input range).
32
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: LM98722



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com