Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM98722CCMT/NOPB Datasheet(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
Part # LM98722CCMT/NOPB
Description  Channel, 16-Bit, 45 MSPS Analog Front End
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM98722CCMT/NOPB Datasheet(HTML) 43 Page - Texas Instruments

Back Button LM98722CCMT/NOPB Datasheet HTML 39Page - Texas Instruments LM98722CCMT/NOPB Datasheet HTML 40Page - Texas Instruments LM98722CCMT/NOPB Datasheet HTML 41Page - Texas Instruments LM98722CCMT/NOPB Datasheet HTML 42Page - Texas Instruments LM98722CCMT/NOPB Datasheet HTML 43Page - Texas Instruments LM98722CCMT/NOPB Datasheet HTML 44Page - Texas Instruments LM98722CCMT/NOPB Datasheet HTML 45Page - Texas Instruments LM98722CCMT/NOPB Datasheet HTML 46Page - Texas Instruments LM98722CCMT/NOPB Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 150 page
background image
LM98722
www.ti.com
SNAS487B – SEPTEMBER 2009 – REVISED MARCH 2015
In an ideal application, depicted in Figure 19, the Pixel output signal would be in phase with the timing signals
that drove the CCD. The LM98722 input sampling clocks (CLAMP and SAMPLE) are adjustable within a pixel
period. By default, the pixel period (or pixel “phase”) is defined to be in line with the input clock. As shown in the
ideal case, Figure 19, CLAMP and SAMPLE can be properly adjusted to their ideal positions within the pixel
phase, shown in Figure 19 at the stable region near the end of the pedestal and data phases.
Figure 19. Clock Alignment in an Ideal Application
However, in a real system, propagation delays exist in all stages of the signal chain. These propagation delays
will lead to a shift in the CCD Pixel outputs with respect to the LM98722 input clock. The phase shift of the CCD
Pixel output, demonstrated in Figure 20, can lead to significant sample timing issues if not properly corrected.
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
43
Product Folder Links: LM98722



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com