Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM98722CCMT/NOPB Datasheet(PDF) 64 Page - Texas Instruments

Click here to check the latest version.
Part # LM98722CCMT/NOPB
Description  Channel, 16-Bit, 45 MSPS Analog Front End
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM98722CCMT/NOPB Datasheet(HTML) 64 Page - Texas Instruments

Back Button LM98722CCMT/NOPB Datasheet HTML 60Page - Texas Instruments LM98722CCMT/NOPB Datasheet HTML 61Page - Texas Instruments LM98722CCMT/NOPB Datasheet HTML 62Page - Texas Instruments LM98722CCMT/NOPB Datasheet HTML 63Page - Texas Instruments LM98722CCMT/NOPB Datasheet HTML 64Page - Texas Instruments LM98722CCMT/NOPB Datasheet HTML 65Page - Texas Instruments LM98722CCMT/NOPB Datasheet HTML 66Page - Texas Instruments LM98722CCMT/NOPB Datasheet HTML 67Page - Texas Instruments LM98722CCMT/NOPB Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 150 page
background image
LM98722
SNAS487B – SEPTEMBER 2009 – REVISED MARCH 2015
www.ti.com
7.4.15 CCD Timing Generator Master/Slave Modes
The internal Sensor Timing generator is capable of operating in Master Mode or in Slave Mode. The
Master/Slave operation is configured with the Master Mode Select bit (Page 0, Register 0x00, bit 1). In either
Master or Slave Mode, control bit data can be included in the LM98722 output data to indicate when each new
scan is starting as well as pixel information such as color, type (active, black, dummy, etc.), and the beginning of
each line.
7.4.15.1 Master Timing Generator Mode
In Master Timing Mode (Page 0, Register 0x00, bit 1 = 1), the LM98722 controls the entire CCD Timing
Generation based on INCLK and the Register Lock Bit (Page 0, Register 0, Bit 0) state. The Register Lock bit is
set by the user to initiate a new scan. The LM98722 controls when each new line of the scan begins and ends
based on the CCD Timing Generator register settings. Scanning is enabled as long as the Register Lock bit = 1.
The period of the line (integration time) is controlled by the SH Interval State Length settings (Page 3 Registers)
and the Line Length setting (Page 3, Registers 0x0D and 0x0E) as well as the Pixel Multiplier Factor (Page 2,
Register 0x0F) and SH State Length Multiplier (Page 2, Register 0x11) .
The line period from end of one SH Interval to the end of the next SH Interval is equal to:
Line Period = (Sum of SH Interval States x SH State Length Multiplier) + (Line Length Setting x Pixel Multiplier Factor)
pixels
(2)
7.4.15.2 Slave Timing Generator Mode
In Slave Timing Mode (Page 2, Register 0x00, bit 1 = 0), the LM98722 CCD Timing Generator is controlled by
the external SH_R pin. Each new line of a scan is initiated by an SH_R pulse. The period of the line (integration
time) is mainly controlled by the period of the incoming SH_R signal. The minimum period between SH_R pulses
should be at least the SH Interval duration as calculated in Equation 2, plus the number of pixels to be clocked
out of the CCD or CIS sensor.
Figure 40. SH_R to INCLK (PIXCLK or ADCCLK) Timing
64
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: LM98722



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com