Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM98722CCMT/NOPB Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # LM98722CCMT/NOPB
Description  Channel, 16-Bit, 45 MSPS Analog Front End
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM98722CCMT/NOPB Datasheet(HTML) 44 Page - Texas Instruments

Back Button LM98722CCMT/NOPB Datasheet HTML 40Page - Texas Instruments LM98722CCMT/NOPB Datasheet HTML 41Page - Texas Instruments LM98722CCMT/NOPB Datasheet HTML 42Page - Texas Instruments LM98722CCMT/NOPB Datasheet HTML 43Page - Texas Instruments LM98722CCMT/NOPB Datasheet HTML 44Page - Texas Instruments LM98722CCMT/NOPB Datasheet HTML 45Page - Texas Instruments LM98722CCMT/NOPB Datasheet HTML 46Page - Texas Instruments LM98722CCMT/NOPB Datasheet HTML 47Page - Texas Instruments LM98722CCMT/NOPB Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 150 page
background image
LM98722
SNAS487B – SEPTEMBER 2009 – REVISED MARCH 2015
www.ti.com
Figure 20. CCD Output Phase Shift in a Real Application
In the default mode, the LM98722 sampling is performed during a clock period whose phase is aligned with the
input clock (ignoring any clock tree skew for the moment). The actual sampling clocks are adjustable within the
clock period, as shown in Figure 21 (shown for CDS mode in Figure 20) and further described in Internal Sample
Timing . As shown in Figure 20, the delay of the CCD Pixel output is shifted far enough that the fine CLAMP and
SAMPLE clocks cannot be placed in a stable portion of the waveform. To remedy this situation, the LM98722’s
Coarse Pixel Phase Alignment feature allows the designer to shift the entire phase of the analog front end with
respect to the input clock. This allows the designer to choose one of four sampling phases which best matches
the delay in the external circuitry. Once the “Coarse Pixel Phase” has been chosen, the designer can then fine
tune the sampling clocks using the fine adjustment (see Internal Sample Timing).
The four available Coarse Pixel Phases (PIXPHASE0 - PIXPHASE3) are depicted in Figure 21 (Mode 3),
Figure 22 (Mode 2) and Figure 23 (Mode 1). Also shown in the diagrams are the external input clock (INCLK)
and a typical CCD output delayed from the input clock.
44
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: LM98722



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com