Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM98722CCMT/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM98722CCMT/NOPB
Description  Channel, 16-Bit, 45 MSPS Analog Front End
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM98722CCMT/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM98722CCMT/NOPB Datasheet HTML 3Page - Texas Instruments LM98722CCMT/NOPB Datasheet HTML 4Page - Texas Instruments LM98722CCMT/NOPB Datasheet HTML 5Page - Texas Instruments LM98722CCMT/NOPB Datasheet HTML 6Page - Texas Instruments LM98722CCMT/NOPB Datasheet HTML 7Page - Texas Instruments LM98722CCMT/NOPB Datasheet HTML 8Page - Texas Instruments LM98722CCMT/NOPB Datasheet HTML 9Page - Texas Instruments LM98722CCMT/NOPB Datasheet HTML 10Page - Texas Instruments LM98722CCMT/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 150 page
background image
LM98722
www.ti.com
SNAS487B – SEPTEMBER 2009 – REVISED MARCH 2015
6.4 Thermal Information
TSSOP
THERMAL METRIC(1)
UNIT
56 TERMINALS
RθJA
Junction-to-ambient thermal resistance
<66
°C/W
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
6.5 Electrical Characteristics
The following specifications apply for VA = VD = VC = 3.3 V, CL = 10 pF, and fINCLK = 15 MHz unless otherwise specified. All
other limits TA = 25°C.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2) MAX(1)(3)
UNIT
CMOS DIGITAL INPUT DC SPECIFICATIONS (RESETb, SH_R, SCLK, SENb)
VIH
Logical “1” Input Voltage
2.0
V
VIL
Logical “0” Input Voltage
0.8
V
VIHYST
Logic Input Hysteresis
0.6
VIH = VD:
RESET, SEN
100
nA
IIH
Logical “1” Input Current
SH_R, SCLK, SDI, CAL
65
μA
CE
30
VIL = DGND
RESET, SEN,
-65
μA
IIL
Logical “0” Input Current
SH_R, SCLK, SDI, CAL
-100
nA
CE
-30
μA
CMOS DIGITAL OUTPUT DC SPECIFICATIONS (SH1 to SH5, RS, CP, PHIA, PHIB, PHIC)
VOH
Logical “1” Output Voltage
IOUT = -0.5 mA
3.0
V
VOL
Logical “0” Output Voltage
IOUT = 1.6 mA
0.21
V
VOUT = DGND
18
IOS
Output Short Circuit Current
mA
VOUT= VD
-25
VOUT = DGND
20
CMOS Output TRI-STATE
IOZ
nA
Current
VOUT = VD
-25
CMOS DIGITAL OUTPUT DC SPECIFICATIONS (CMOS DATA OUTPUTS)
VOH
Logical “1” Output Voltage
IOUT = -0.5 mA
2.3
V
VOL
Logical “0” Output Voltage
IOUT = 1.6 mA
0.12
V
VOUT = DGND
12
IOS
Output Short Circuit Current
mA
VOUT= VD
-14
VOUT = DGND
20
CMOS Output TRI-STATE
IOZ
nA
Current
VOUT = VD
-25
(1)
Test limits are ensured to TI's AOQL (Average Outgoing Quality Level).
(2)
Typical figures are at TA = 25°C, and represent most likely parametric norms at the time of product characterization. The typical
specifications are not ensured.
(3)
The analog inputs are protected as shown in Figure 1. Input voltage magnitudes beyond the supply rails will not damage the device,
provided the current is limited per Note 4 under the Absolute Maximum Ratings table. However, input errors will be generated If the
input goes above VA and below AGND.
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM98722



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com