Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM98722CCMT/NOPB Datasheet(PDF) 89 Page - Texas Instruments

Click here to check the latest version.
Part # LM98722CCMT/NOPB
Description  Channel, 16-Bit, 45 MSPS Analog Front End
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM98722CCMT/NOPB Datasheet(HTML) 89 Page - Texas Instruments

Back Button LM98722CCMT/NOPB Datasheet HTML 85Page - Texas Instruments LM98722CCMT/NOPB Datasheet HTML 86Page - Texas Instruments LM98722CCMT/NOPB Datasheet HTML 87Page - Texas Instruments LM98722CCMT/NOPB Datasheet HTML 88Page - Texas Instruments LM98722CCMT/NOPB Datasheet HTML 89Page - Texas Instruments LM98722CCMT/NOPB Datasheet HTML 90Page - Texas Instruments LM98722CCMT/NOPB Datasheet HTML 91Page - Texas Instruments LM98722CCMT/NOPB Datasheet HTML 92Page - Texas Instruments LM98722CCMT/NOPB Datasheet HTML 93Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 150 page
background image
SCLK
SDO
SEN
SDI
1
CE
1
CE
0
A4
A3
A2
A1
A0
DI
[7]
DI
[6]
DI
[5]
DI
[4]
DI
[3]
DI
[2]
DI
[1]
DI
[0]
X
(R)
9
n
1
Previously addressed slave outputting
register contents from last command.
DO
[7]
DO
[6]
DO
[5]
DO
[4]
DO
[3]
DO
[2]
DO
[1]
DO
[0]
DO
[7]
DO
[6]
DO
[5]
DO
[4]
DO
[3]
DO
[2]
DO
[1]
DO
[0]
n-15
X
X
X
X
X
X
X
X
X
X
X
Master issues “read” bit (1), 2 “chip enable” bits (00, 01 or 10), five bit register
address, and eight “don’t care” bits. Register contents are not altered.
Only final 16 bits of SDI data before rising edge of /SEN are processed.
Device outputting register contents
addressed in read command.
SCLK
SDO
SEN
SDI
Master issues “write” bit (0), 2 “chip enable” bits (00, 01 or 10), five bit
register address, and eight bit register value to be written.
Only final 16 bits of SDI data before rising edge of /SEN are processed.
0
CE
1
CE
0
A4
A3
A2
A1
A0
DI
[7]
DI
[6]
DI
[5]
DI
[4]
DI
[3]
DI
[2]
DI
[1]
DI
[0]
X
(W)
Device outputting register contents from this write
command if MCLK is present.
If MCLK is not present, no data output will occur.
9
n
1
Previously addressed slave outputting
register contents from last command.
DO
[7]
DO
[6]
DO
[5]
DO
[4]
DO
[3]
DO
[2]
DO
[1]
DO
[0]
DO
[7]
DO
[6]
DO
[5]
DO
[4]
DO
[3]
DO
[2]
DO
[1]
DO
[0]
n-15
X
X
X
X
X
X
X
X
X
X
X
LM98722
www.ti.com
SNAS487B – SEPTEMBER 2009 – REVISED MARCH 2015
Figure 62. Serial Write - 4 Wire Connection - 16+ Clock Mode
Figure 63. Serial Read - 4 Wire Connection - 16+ Clock Mode
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
89
Product Folder Links: LM98722



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com