Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM98722CCMT/NOPB Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # LM98722CCMT/NOPB
Description  Channel, 16-Bit, 45 MSPS Analog Front End
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM98722CCMT/NOPB Datasheet(HTML) 41 Page - Texas Instruments

Back Button LM98722CCMT/NOPB Datasheet HTML 37Page - Texas Instruments LM98722CCMT/NOPB Datasheet HTML 38Page - Texas Instruments LM98722CCMT/NOPB Datasheet HTML 39Page - Texas Instruments LM98722CCMT/NOPB Datasheet HTML 40Page - Texas Instruments LM98722CCMT/NOPB Datasheet HTML 41Page - Texas Instruments LM98722CCMT/NOPB Datasheet HTML 42Page - Texas Instruments LM98722CCMT/NOPB Datasheet HTML 43Page - Texas Instruments LM98722CCMT/NOPB Datasheet HTML 44Page - Texas Instruments LM98722CCMT/NOPB Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 150 page
background image
LM98722
www.ti.com
SNAS487B – SEPTEMBER 2009 – REVISED MARCH 2015
7.4.12.7 General White Loop Operation
The White Peak value is determined by a moving window average done throughout the Active/White pixels
region of the line (see to Figure 16). The size of the moving window is set at Page 2, Register 4, Bits[2:0]. 4, 8,
16 or 32 (default) pixels are averaged together at a time and compared with the previous Peak White value. If
the new White Average is greater than the previous Peak White value, then the Peak White value is set equal to
the White Average. The window is then shifted over to the next group of pixels (one window width) and a new
average is calculated. This process is repeated until the Active/White Pixels End value is reached. The final Peak
White value is then compared with the White Target value (Page 2, Register 5). The gain settings are then
adjusted to make the Peak White value closer to the White Target value.
7.4.12.8 White Loop Modes
•
White Full Calibration (Cold start or Pre-Job): In this mode, the gain settings are completely reset to
default at the beginning of the loop. The first change or gain decision is whether the CDS/SH gain setting will
be 1x or 2x. Subsequent decisions are made to adjust the PGA setting to the provide the Peak White value
that is closest to the White Target value
•
White Fine Tuning (Page Gap Calibration): In this mode, the previous gain settings are used as the starting
point. The CDS/ SH gain setting will not be changed. The PGA gain will be increased or decreased by one
step at a time, to fine tune the gain. This mode is normally used where only minor changes in the white level
are expected.
7.4.12.9 Bimodal (Automatic) Correction
Due to the architecture of the ADC used in the LM98722, it is possible that a small offset in the resulting data will
be present between the Even and Odd pixels processed by the device. This offset is referred to as a Bimodal
distribution in the data. It can occur because the signals being processed go through two different paths to
achieve the required throughput. Each of these paths can give a slightly different signal offset, resulting in the
bimodal distribution in output data, for a given fixed input voltage.
When the automatic Black Level (offset) correction circuit is engaged, a portion of that circuitry automatically
corrects the bimodal distribution. The bimodal correction applied is stored at Page 1, Registers 0x1Ch, 0x1Dh,
and 0x1Eh. The stored value is divided by two. Half is added to the Even pixels, and half is subtracted from the
Odd pixels.
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
41
Product Folder Links: LM98722



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com