Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM98722CCMT/NOPB Datasheet(PDF) 63 Page - Texas Instruments

Click here to check the latest version.
Part # LM98722CCMT/NOPB
Description  Channel, 16-Bit, 45 MSPS Analog Front End
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM98722CCMT/NOPB Datasheet(HTML) 63 Page - Texas Instruments

Back Button LM98722CCMT/NOPB Datasheet HTML 59Page - Texas Instruments LM98722CCMT/NOPB Datasheet HTML 60Page - Texas Instruments LM98722CCMT/NOPB Datasheet HTML 61Page - Texas Instruments LM98722CCMT/NOPB Datasheet HTML 62Page - Texas Instruments LM98722CCMT/NOPB Datasheet HTML 63Page - Texas Instruments LM98722CCMT/NOPB Datasheet HTML 64Page - Texas Instruments LM98722CCMT/NOPB Datasheet HTML 65Page - Texas Instruments LM98722CCMT/NOPB Datasheet HTML 66Page - Texas Instruments LM98722CCMT/NOPB Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 150 page
background image
SH2
SH3
SH1
SH4
SH5
SH Interval 1
Line 1
Line 2
SH Interval 2
SH Interval 1
0
1
1
0
0
0
0
0
0
0
Polarity
Override
Settings
Polarity
Override
Settings
PHIA1
RS
0
0
0
1
SH Interval signal levels are set by SH Interval Information
Polarity for pixel portion of lines can be adjusted by Polarity Override Settings – Page 7, Registers 0x14 to 0x1D
LM98722
www.ti.com
SNAS487B – SEPTEMBER 2009 – REVISED MARCH 2015
7.4.14.4 Controlled Inversion
When using multiple SH Intervals, it is possible to invert the pixel portion of the line for any of the output signals
in any of the 4 Lines in the sequence. There is one bit per signal (or pair of signals for PHIA, PHIB and PHIC),
for each of the 1 to 4 lines in the sequence. Setting the bit for a particular output and line in the sequence will
cause the pixel portion of that line to be inverted. The transition to the next line in the sequence occurs at the
end of the SH Interval. Inversion can affect both the high speed timing signals (PHIx, RS, CP) and the low speed
ON/OFF behavior of the SH signals.
Figure 39 is an example of Polarity Override with a 2 Line sequence. Note that the PHIA1, SH1, SH2 and SH3
signals are inverted in Line 2, while all other signals are at the default polarity for both lines.
Figure 39. Sensor Timing Mode Pin Output Details - Active Programmed Transition
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
63
Product Folder Links: LM98722



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com