Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM98722CCMT/NOPB Datasheet(PDF) 74 Page - Texas Instruments

Click here to check the latest version.
Part # LM98722CCMT/NOPB
Description  Channel, 16-Bit, 45 MSPS Analog Front End
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM98722CCMT/NOPB Datasheet(HTML) 74 Page - Texas Instruments

Back Button LM98722CCMT/NOPB Datasheet HTML 70Page - Texas Instruments LM98722CCMT/NOPB Datasheet HTML 71Page - Texas Instruments LM98722CCMT/NOPB Datasheet HTML 72Page - Texas Instruments LM98722CCMT/NOPB Datasheet HTML 73Page - Texas Instruments LM98722CCMT/NOPB Datasheet HTML 74Page - Texas Instruments LM98722CCMT/NOPB Datasheet HTML 75Page - Texas Instruments LM98722CCMT/NOPB Datasheet HTML 76Page - Texas Instruments LM98722CCMT/NOPB Datasheet HTML 77Page - Texas Instruments LM98722CCMT/NOPB Datasheet HTML 78Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 150 page
background image
LM98722
SNAS487B – SEPTEMBER 2009 – REVISED MARCH 2015
www.ti.com
A summary and description of each of the modes and submodes is shown in Table 13.
Table 13. Mode and Submode Summary
MODE
SUB_MODE
Page 0, Register 0x05
Page 0, Register 0x05
DESCRIPTION
Bits 4:3
Bits 2:1
00
Scrambler Disabled
Full Scrambler Enabled. Sub-mode Settings Select:
00
send lvds_data[20:0] bitwise XOR with prs[20:0]
01
01
send prs[20:0]
10
send lvds_data[20:0] bitwise XOR with pprs[20:0]
11
send pprs[20:0]
1 bit scrambler with key of prs[0] send lvds_data[20:0] bitwise XOR with prs[0], with lvds_data[k] = 0 send
prs[0] on lvds_out[k] k is selected with following settings:
k = 0 (DB0 in CMOS and 714 modes, CB0 in flexible,
00
16 bit mode)
10
01 (TXOUT0 Disable = 0)
k = 5 (DB0 (LSB) in flexible, 16 bit mode)
01 (TXOUT0 Disable = 1)
k = 7 (DB2 (LSB) in flexible, 14 bit mode)
10
k = 16 (CB0 in 714 mode)
11
k = 20 (CB4 in 714 mode)
1 bit scrambler with key of lvds_data[k]. send lvds_data[20:0] bitwise XOR with lvds_data[k] with lvds_out[k] =
lvds_data[k]:
k = 0 (DB0 in CMOS and 714 modes, CB0 in flexible,
00
16 bit mode)
11
01 (TXOUT0 Disable = 0)
k = 5 (DB0 (LSB) in flexible, 16 bit mode)
01 (TXOUT0 Disable = 1)
k = 7 (DB2 (LSB) in flexible, 14 bit mode)
10
k = 16 (CB0 in 714 mode)
11
k = 20 (CB4 in 714 mode)
7.4.18.1 Mode 00: Scrambler Disabled
Mode 00: Scrambler Disabled
7.4.18.2 Mode 01: Full Scrambler Using The Full 21-bit Pseudo Random Sequence
There are 4 sub-modes: (a) the 21-bit output will be bit-wise XORed with the 21-bit serial pseudo-random
sequence. i.e. lvds_data[20:0] ^ prs[20:0]; (b) the 21-bit serial pseudo random sequence will be output directly;
(c) the 21-bit output will be bit-wise XORed with the 21-bit parallel pseudo-random sequence. i.e. lvds_data[20:0]
^ pprs[20:0]; (d) the 21-bit parallel pseudo random sequence will be output directly. In all sub-modes, the
sequences start m clock cycles after the de-assertion of the bol where m is defined as the analog latencies in 1-
ch, 2-ch and 3-ch modes. In other words, the output starts the same way as the up-count test pattern mode.
Unlike the up-count test pattern mode, the 21-bit pseudo-random sequence runs at the ADC (same as TXCLK)
rate, not pixel or line rate.
74
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: LM98722



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com