Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM98722CCMT/NOPB Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM98722CCMT/NOPB
Description  Channel, 16-Bit, 45 MSPS Analog Front End
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM98722CCMT/NOPB Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM98722CCMT/NOPB Datasheet HTML 5Page - Texas Instruments LM98722CCMT/NOPB Datasheet HTML 6Page - Texas Instruments LM98722CCMT/NOPB Datasheet HTML 7Page - Texas Instruments LM98722CCMT/NOPB Datasheet HTML 8Page - Texas Instruments LM98722CCMT/NOPB Datasheet HTML 9Page - Texas Instruments LM98722CCMT/NOPB Datasheet HTML 10Page - Texas Instruments LM98722CCMT/NOPB Datasheet HTML 11Page - Texas Instruments LM98722CCMT/NOPB Datasheet HTML 12Page - Texas Instruments LM98722CCMT/NOPB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 150 page
background image
LM98722
www.ti.com
SNAS487B – SEPTEMBER 2009 – REVISED MARCH 2015
Electrical Characteristics (continued)
The following specifications apply for VA = VD = VC = 3.3 V, CL = 10 pF, and fINCLK = 15 MHz unless otherwise specified. All
other limits TA = 25°C.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2) MAX(1)(3)
UNIT
INPUT SAMPLING CIRCUIT SPECIFICATIONS
CDS Gain=1x, PGA Gain=1x
2.3
VIN
Input Voltage Level
Vp-p
CDS Gain=2x, PGA Gain= 1x
1.22
Source Followers Off
19
CDS Gain = 1x
(-103)
25
μA
(-95)
OSX = VA (OSX = AGND)
Source Followers Off
Sample and Hold Mode Input
33
IIN_SH
CDS Gain = 2x
(-152)
50
μA
Leakage Current
(-141)
OSX = VA (OSX = AGND)
Source Followers On
20
CDS Gain = 2x
(-250)
250
nA
(-50)
OSX = VA (OSX = AGND)
Sample/Hold Mode
CDS Gain = 1x
2.5
pF
CSH
Equivalent Input Capacitance
CDS Gain = 2x
4
pF
CDS Mode
Source Followers Off
10
IIN_CDS
(-250)
250
nA
OSX = VA (OSX = AGND)
(-50)
Input Leakage Current
CLPIN Switch Resistance (OSX
RCLPIN
16
55
Ω
to VCLP Node)
VCLP REFERENCE CIRCUIT SPECIFICATIONS
VCLP Voltage 000
VCLP Voltage Setting = 000
0.85VA
V
VCLP Voltage 001
VCLP Voltage Setting = 001
0.9VA
V
VCLP Voltage 010
VCLP Voltage Setting = 010
0.95VA
V
VCLP Voltage 011
VCLP Voltage Setting = 011
0.6VA
V
VVCLP
VCLP Voltage 100
VCLP Voltage Setting = 100
0.55VA
V
VCLP Voltage 101
VCLP Voltage Setting = 101
0.4VA
V
VCLP Voltage 110
VCLP Voltage Setting = 110
0.35VA
V
VCLP Voltage 111
VCLP Voltage Setting = 111
0.15VA
V
VCLP DAC Short Circuit Output
ISC
30
mA
Current
BLACK LEVEL OFFSET DAC SPECIFICATIONS
Resolution
10
Bits
Monotonicity
Ensured by characterization
CDS Gain = 1x
Minimum DAC Code = 0x000
-614
mV
Maximum DAC Code = 0x3FF
614
Offset Adjustment Range
Referred to AFE Input
CDS Gain = 2x
Minimum DAC Code = 0x000
-307
mV
Maximum DAC Code = 0x3FF
307
Minimum DAC Code = 0x000
-17500
-16130
Offset Adjustment Range
LSB
Referred to AFE Output
Maximum DAC Code = 0x3FF
+16130
+17500
CDS Gain = 1x
mV
1.2
DAC LSB Step Size
(32)
Referred to AFE Output
(LSB)
DNL
Differential Non-Linearity
-0.85 +0.74/ -0.37
+2.4
LSB
INL
Integral Non-Linearity
-2.5 +0.72/ -0.56
+2.5
LSB
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM98722



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com