Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP3SP33SMS/NOPB Datasheet(PDF) 214 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 214 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 210Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 211Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 212Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 213Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 214Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 215Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 216Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 217Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 218Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 407 page
background image
DS443
Analog/Digital
Converter
MUXOUT0
ADC_DELAY1
Start
Interrupt
(IRQ9)
Wake-Up
(WUI53)
12
Done
PCLK
Clock
ADC
SEQUENCER
VREFN
VREFP
+
-
TRIGGER
DELAY1
Auxiliary
Clock 1
MUXOUT1 ADCIN
CLKDIV
ASYNC
ADC9
MUX_CFG
ADC3
ADC1
ADC0
ADC_DELAY2
DELAY2
ADC2
ADC4
+
-
ADC2
ADC0
ADVCC
ADC1
VREF
ADC3
ADGND
Control
Input
Multi-
plexer
Int/Ext
Multi-
plexer
ADC Clock
ADC_CONTROL
Result
ADCRESLT
4-Word
FIFO
APB Bus
CLKSEL
Clock
ADC_DIV
ADCIN
PREF_CFG
NREF_CFG
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
•
Programmable start delay after start trigger
•
Poll or interrupt on conversion complete
Figure 23-1. Analog-to-Digital Converter Block Diagram
23.1 Funcational Description
The ADC module consists of an analog/digital converter and associated state machine, together with
analog multiplexers to set up signal paths for sampling and voltage references, logic to control triggering
of the converter, and a bus interface.
23.1.1 Data Path
Up to 10 pins on the FBGA-224 package may be configured as 10 single-ended analog inputs or 5
differential pairs. (Two pins are available as single-ended inputs or one differential pair on the FBGA-144
package). Analog/digital data passes through four main blocks in the ADC module between the input pins
and the APB bus:
•
Input Multiplexer—an analog multiplexer that selects among the input channels.
•
Internal/External Multiplexer—an analog multiplexer that selects between the output of the Input
Multiplexer and the ADCIN external analog input.
•
Analog/Digital Converter—receives the output of the Internal/External Multiplexer and performs the
analog to digital conversion.
214
Analog-to-Digital Converter
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com