Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP3SP33SMS/NOPB Datasheet(PDF) 218 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 218 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 214Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 215Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 216Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 217Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 218Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 219Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 220Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 221Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 222Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 407 page
background image
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
Channel
Channel
(DIFF = 1)
MUX_CFG
(DIFF = 0)
+
-
1000
8
8
9
1001
9
9
8
1010 to 1111
Reserved
PREF_CFG
The Positive Voltage Reference Configuration field specifies the source of the ADC
positive voltage reference, as shown below:
PREF_CFG
PREF Source
00
Internal (ADVCC)
01
VREF
10
ADC0
11
ADC1
NREF_CFG
The Negative Voltage Reference Configuration field specifies the source of the ADC
negative voltage reference, as shown below:
NREF_CFG
NREF source
00
Internal (ADGND)
01
Reserved
10
ADC2
11
ADC3
MUXOUTEN
The MUXOUT Enable bit controls whether the output of the Input Multiplexer is available
externally. In single-ended mode, the MUXOUT0 pin is active and the MUXOUT1 pin is
disabled (TRI-STATE). In differential mode, both MUXOUT0 and MUXOUT1 are active.
0 – MUXOUT0 and MUXOUT1 disabled.
1 – MUXOUT0 and MUXOUT1 enabled.
INTEN
The Interrupt Enable bit controls whether the ADC interrupt (IRQ9) is enabled. When
enabled, the interrupt request is asserted when valid data is available in the ADCRESLT
register. This bit has no effect on the wake-up signal to the MIWU unit (WUI53).
0 – IRQ9 disabled.
1 – IRQ9 enabled.
23.4.2 ADC Auxiliary Configuration Register (ADCACR)
The ADCACR register is a 16-bit, read/write register used to control the clock configuration and report the
status of the ADC module. The APB bus master has read/write access to the ADCACR register. After
reset, this register is clear.
15
14
13
12
3 2
1
0
CNVT
TRG
PRM
Reserved
CLKDIV
CLKSEL
CLKSET
The Clock Select bit selects the clock source used by the DELAY2 block to generate the
ADC clock.
0 – ADC clock derived from PCLK Clock.
1 – ADC clock derived from Auxiliary Clock 1.
CLKDIV
The Clock Divisor field specifies the divisor applied to PCLK Clock to generate the 12 MHz
clock required by the ADC module. Only the PCLK Clock is affected by this divisor. The
divisor is not used when Auxiliary Clock 1 is selected as the clock source.
218
Analog-to-Digital Converter
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com