Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP3SP33SMS/NOPB Datasheet(PDF) 215 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 215 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 211Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 212Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 213Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 214Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 215Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 216Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 217Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 218Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 219Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 407 page
background image
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
•
ADCRESLT Register—makes conversion results from the ADC available to the on-chip bus. The
ADCRESLT register includes the software-visible end of a 4-word FIFO used to queue conversion
results.
The configuration of the analog signal paths is controlled by fields in the ADCGCR register. The Input
Multiplexer is controlled by the MUX_CFG field. The Internal/External Multiplexer is controlled by the
ADCIN bit. The analog multiplexers for selecting the voltage references used by the ADC are controlled by
the PREF_CFG and NREF_CFG fields.
The output of the Input Multiplexer is available externally as the MUXOUT0 and MUXOUT1 signals. In
single-ended mode, only MUXOUT0 is used. In differential mode, MUXOUT0 is the positive side and
MUXOUT1 is the negative side. The MUXOUT0 and MUXOUT1 outputs and the ADCIN external analog
input are provided so that external signal conditioning circuits (such as filters) may be applied to the
analog signals before conversion. The MUXOUT0, MUXOUT1, and ADCIN signals are alternate functions
of the ADC inputs, so the number of available ADC inputs is reduced when these signals are used.
23.1.2 Operation
The TRIGGER block may be configured to initiate a conversion from either of these sources:
•
External ASYNC Input—an edge on the ASYNC input triggers a conversion. This input may be
configured to be sensitive to rising or falling edges, as controlled by the POL bit in the ADCCNTRL
register.
•
ADCSTART Register—writing any value to the ADCSTART register triggers a conversion.
The TRIGGER block incorporates a glitch filter to suppress transient spikes on the ASYNC input. The
TRIGGER block will recognize ASYNC pulse widths of 10 ns or greater. Once a trigger event has been
recognized, no further triggering is recognized until the conversion is completed.
When the ASYNC input is selected as the trigger source, it may be configured for automatic or non-
automatic mode, as controlled by the AUTO bit in the ADCCNTRL register:
•
Automatic Mode—a conversion is triggered by any qualified edge on the ASYNC input (unless a
conversion is already in progress).
•
Non-Automatic Mode—before a conversion may be triggered from the ASYNC input, software must
“prime” the TRIGGER block by writing the ADCSTART register. Once the TRIGGER block is primed, a
conversion is triggered by any qualified edge on the ASYNC input. After the conversion is completed,
no additional trigger events will be recognized until software once again primes the TRIGGER block by
writing the ADCSTART register.
Once a trigger event is recognized, the DELAY1 block waits for a programmable delay specified in the
ADC_DELAY1 field of the ADCSCDLY register. Then, it asserts the Start signal to the ADC SEQUENCER
block.
When the Start signal is received, the ADC SEQUENCER block initiates the conversion in the ADC. After
the conversion is complete, the result is loaded into the FIFO, and the Done signal is asserted.
The ADCRESLT register includes the software-visible end of a 4-word FIFO, which allows up to 4
conversion results to be queued for reading. Reading the ADCRESLT register unloads the FIFO. If the
FIFO overflows, a bit is set in the ADCRESLT register, and the last conversion result is lost.
The Done signal is visible to software as the ADC_DONE bit in the ADCRESLT register. The Done signal
is also an input to the interrupt controller (IRQ9). The interrupt will be asserted whenever the FIFO is not
empty (but will deassert for one PCLK Clock period after the ADCRESLT register is read). Total
conversion time is 10 microseconds.
The Done signal is also an input to the Multi-Input Wake-Up unit (WUI53). The MIWU input is asserted
whenever the FIFO is not empty (but will deassert for one clock period after the ADCRESLT register is
read). The wake-up output is provided so that the ADC module can bring the system out of a low-power
mode when a conversion operation is completed. It asserts earlier than the interrupt output.
Copyright © 2013, Texas Instruments Incorporated
Analog-to-Digital Converter
215
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com