| Electronic Components Datasheet Search |
|
TMS320VC5407 Datasheet(PDF) 20 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320VC5407 Datasheet(HTML) 20 Page - Texas Instruments |
|
20 / 110 page ![]() Introduction 20 November 2001 − Revised April 2004 SPRS007D Table 2−2. Signal Descriptions (Continued) TERMINAL NAME DESCRIPTION I/O† OSCILLATOR/TIMER PINS CLKOUT O/Z Master clock output signal. CLKOUT cycles at the machine-cycle rate of the CPU. The internal machine cycle is bounded by the rising edges of this signal. CLKOUT also goes into the high-impedance state when OFF is low. CLKMD1 CLKMD2 CLKMD3 I Clock mode external/internal input signals. CLKMD1−CLKMD3 allows you to select and configure different clock modes such as crystal, external clock, various PLL factors. X2/CLKIN I Input pin to internal oscillator from the crystal. If the internal oscillator is not being used, an external clock source can be applied to this pin. The internal machine cycle time is determined by the clock operating mode pins (CLKMD1, CLKMD2 and CLKMD3). X1 O Output pin from the internal oscillator for the crystal. If the internal oscillator is not used, X1 should be left unconnected. X1 does not go into the high-impedance state when OFF is low. (This is revision depended, see Section 3.10 for additional information.) TOUT O Timer output. TOUT signals a pulse when the on-chip timer counts down past zero. The pulse is a CLKOUT cycle wide. TOUT also goes into the high-impedance state when OFF is low. TOUT1 I/O/Z Timer1 output. TOUT1 signals a pulse when the on-chip timer1 counts down past zero. The pulse is a CLKOUT cycle wide. The TOUT1 output is multiplexed with the HINT pin of the HPI, and TOUT1 is only available when the HPI is disabled. MULTICHANNEL BUFFERED SERIAL PORT PINS BCLKR0 BCLKR1 BCLKRX2 I/O/Z Receive clock input. BCLKR serves as the serial shift clock for the buffered serial port receiver. BCLKRX2 is McBSP2 transmit AND receive clock. BDR0 BDR1 BDR2 I Serial data receive input. BFSR0 BFSR1 BFSRX2 I/O/Z Frame synchronization pulse for receive input. The BFSR pulse initiates the receive data process over BDR. BFSRX2 is McBSP2 transmit AND receive frame sync. BCLKX0 BCLKX1 I/O/Z Transmit clock. BCLKX serves as the serial shift clock for the buffered serial port transmitter. The BCLKX pins are configured as inputs after reset. BCLKX goes into the high-impedance state when OFF is low. BDX0 BDX1 BDX2 O/Z Serial data transmit output. BDX is placed in the high-impedance state when not transmitting, when RS is asserted or when OFF is low. BFSX0 BFSX1 I/O/Z Frame synchronization pulse for transmit output. The BFSX pulse initiates the transmit data process over BDX. The BFSX pins are configured as inputs after reset. BFSX goes into the high-impedance state when OFF is low. UART TX O UART asynchronous serial transmit data output. RX I UART asynchronous serial receive data input. † I = Input, O = Output, Z = High-impedance, S = Supply |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |