Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3918A1-E/SS Datasheet(PDF) 23 Page - Microchip Technology

Part # MCP3918A1-E/SS
Description  3V Single-Channel Analog Front End
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3918A1-E/SS Datasheet(HTML) 23 Page - Microchip Technology

Back Button MCP3918A1-E/SS Datasheet HTML 19Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 20Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 21Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 22Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 23Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 24Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 25Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 26Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 88 page
background image
 2014 Microchip Technology Inc.
DS20005287A-page 23
MCP3918
4.0
TERMINOLOGY AND
FORMULAS
This section defines the terms and formulas used
throughout this data sheet. The following terms are
defined:
• MCLK – Master Clock
• AMCLK – Analog Master Clock
• DMCLK – Digital Master Clock
• DRCLK – Data Rate Clock
• OSR – Oversampling Ratio
• Offset Error
• Gain Error
• Integral Non-Linearity Error
• Signal-to-Noise Ratio (SNR)
• Signal-to-Noise and Distortion Ratio (SINAD)
• Total Harmonic Distortion (THD)
• Spurious-Free Dynamic Range (SFDR)
• MCP3918 Delta-Sigma Architecture
• Idle Tones
• Dithering
• PSRR
• CMRR
• ADC Reset Mode
• Hard Reset Mode (RESET = 0)
• ADC Shutdown Mode
• Full Shutdown Mode
4.1
MCLK – Master Clock
This is the fastest clock present on the device. This is
the frequency of the crystal placed at the OSC1/OSC2
inputs when CLKEXT = 0 or the frequency of the clock
input at the OSC1/CLKI when CLKEXT = 1. In the 2-
Wire mode, this is the frequency present at the SCK
input pin. See Figure 4-1.
4.2
AMCLK – Analog Master Clock
AMCLK is the clock frequency that is present on the
analog portion of the device, after prescaling has
occurred via the PRE<1:0> bits in the CONFIG0
register (see Equation 4-1). The analog portion
includes the PGA and one delta-sigma modulator.
EQUATION 4-1:
FIGURE 4-1:
Clock Sub-Circuitry.
4.3
DMCLK – Digital Master Clock
This is the clock frequency that is present on the digital
portion of the device, after prescaling and division by
four (Equation 4-2). This is also the sampling
frequency, which is the rate at which the modulator
outputs are refreshed. Each period of this clock
corresponds to one sample and one modulator output.
See Figure 4-1.
EQUATION 4-2:
4.4
DRCLK – Data Rate Clock
This is the output data rate, i.e. the rate at which the
ADC outputs new data. Each new data is signaled by a
Data Ready pulse on the Data Ready pin.
This data rate is dependent on the OSR and the
prescaler with the formula in Equation 4-3.
EQUATION 4-3:
TABLE 4-1:
MCP3918 OVERSAMPLING
RATIO SETTINGS
CONFIG0
Analog Master Clock
Prescale
PRE<1:0>
00
AMCLK = MCLK/1 (default)
01
AMCLK = MCLK/2
10
AMCLK = MCLK/4
11
AMCLK = MCLK/8
AMCLK
MCLK
PRESCALE
-------------------------------
=
Xtal Oscillator
MCLK
OSC1
OSC2
Multiplexer
OUT
0
1
1/PRESCALE
1/4
1/OSR
AMCLK
DMCLK
DRCLK
Clock Divider
Clock Divider
Clock Divider
OSR<2:0>
PRE<1:0>
CLKEXT
Multiplexer
OUT
0
1
MODE
SCK
DMCLK
AMCLK
4
---------------------
MCLK
4
PRESCALE
----------------------------------------
==
DRC LK
DMC LK
OSR
----------------------
AMCLK
4OSR
---------------------
MCLK
4
OSR
PRESCALE
-----------------------------------------------------------
==
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com