Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3918A1-E/SS Datasheet(PDF) 56 Page - Microchip Technology

Part # MCP3918A1-E/SS
Description  3V Single-Channel Analog Front End
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3918A1-E/SS Datasheet(HTML) 56 Page - Microchip Technology

Back Button MCP3918A1-E/SS Datasheet HTML 52Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 53Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 54Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 55Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 56Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 57Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 58Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 59Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 88 page
background image
MCP3918
DS20005287A-page 56
 2014 Microchip Technology Inc.
7.2
2-Wire Mode Configuration
Settings
When the user wants to exclusively use the 2-Wire
Interface mode in digitally isolated applications, the
OSC2 pin should always be in a logic high state,
starting from the power-up of the part. Otherwise, the
user can change the interface mode by toggling the
OSC2/MODE pin within a POR, a Hard Reset or a
Watchdog Timer Reset; the MODE is latched when
exiting one of these three types of reset. When the part
has entered 2-Wire mode, the entire part configuration
keeps its default settings (see Section 9.0 “MCP3918
Internal Registers”
for the default settings of all
internal registers), except for the configuration of the
Gain in Channel 0, the OSR and the BOOST settings.
In
2-Wire
mode,
the
input
pins
OSR0/OSR1/BOOST/GAIN0/GAIN1 are latched on
the OSC2/MODE rising edge and should typically be
directly connected to DVDD or DGND, depending on the
desired configuration. These pins define the only
configurable settings in 2-Wire mode. If more settings
are required by the application, it is recommended to
use the SPI mode. The following tables describe the
configuration options for these five pins.
7.2.1
OSR1/OSR0
OSR
Setting
Logic
Pins.
These
inputs
are
Schmitt-triggered.
7.2.2
BOOST
Current Boost Setting Logic Pin. This input is
Schmitt-triggered.
7.2.3
GAIN1/GAIN0
PGA Gain Setting Logic Pins. These inputs are
Schmitt-triggered.
7.3
2-Wire Communication Protocol
In 2-Wire mode, the SCK/MCLK pin needs to be
clocked continuously at all times for proper operation.
Any change in the clock frequency will lead to
degraded THD/SFDR specifications. The part obeys
the same timing specifications in both SPI and 2-Wire
Interface mode for SCK/SDO pins. The MCLK
maximum input frequency is 10 MHz in 2-Wire mode,
since the converter still respects Table 5-2 for
maximum AMCLK frequency (provided the part has
entered 2-Wire mode at power-up). Since the MCLK is
divided internally, the part accepts a wide range of duty
cycles for the SCK input, provided the serial interface
timings are respected.
In 2-Wire Interface mode, communication uses framed
data sets on the SDO to output data at a fixed data rate,
synchronously with SCK, and using only one output
pin. The frame is different depending on the device and
the oversampling ratio (OSR) selected. When in
OSR = 64 mode, the MCP3918 frame contains the
sync bytes (16-bit), one channel of 16-bit ADC data and
a 16-bit CRC. For OSR = 128 and higher, each frame
is a group of 7 bytes (56 bits), clocked by the serial
clock SCK. Each frame is composed of a sync word (2
bytes), 24-bit data output word (3 bytes) and CRC. The
sync word comes first, followed by Channel 0 ADC
output (DATA_CH0<23:0>) and 16-bit CRC. See
Figures 7-1 and 7-2.
As a verification feature, the sync word contains all
settings coming from the five logic input pins available
(OSR0/1, GAIN0/1, BOOST), in order to provide the
user with the information about this configuration. It
also provides information about the count of the frame
through bits CNT0/1, which is useful when the SDO is
multiplexed at the output of the digital isolators (see
next paragraph). The sync word also contains an
additional sync byte (fixed at 0xA5 value) for additional
security in synchronization and communication.
TABLE 7-1:
OSR SETTINGS
OSR1
OSR0
OSR
00
64
01
128
10
256
11
512
TABLE 7-2:
CURRENT BOOST SETTINGS
BOOST PIN
BOOST
0
0.5x
1
1x
TABLE 7-3:
CHANNEL 0 GAIN SETTINGS
GAIN1
GAIN0
CH0 PGA GAIN
00
1
01
8
10
16
11
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com