Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3918A1-E/SS Datasheet(PDF) 29 Page - Microchip Technology

Part # MCP3918A1-E/SS
Description  3V Single-Channel Analog Front End
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3918A1-E/SS Datasheet(HTML) 29 Page - Microchip Technology

Back Button MCP3918A1-E/SS Datasheet HTML 25Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 26Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 27Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 28Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 29Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 30Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 31Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 32Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 88 page
background image
 2014 Microchip Technology Inc.
DS20005287A-page 29
MCP3918
4.22
Measurement Error
The measurement error specification is typically used
in power metering applications. This specification is a
measurement of the linearity of the active energy of a
given power meter across its dynamic range.
For this measurement, the goal is to measure the
active energy of one phase when the voltage Root
Mean Square (RMS) value is fixed, and the current
RMS value is sweeping across the dynamic range
specified by the meter. The measurement error is the
non-linearity error of the energy power across the
current dynamic range. It is expressed in percent (%).
Equation 4-12 shows the formula that calculates the
measurement error:
EQUATION 4-12:
In the present device, the calculation of the active
energy is done externally, as a post-processing step
that
typically
happens
in
the
microcontroller,
considering, for example, one ADC as current channel
and the other MCP3918 ADC as voltage channel. The
voltage channel is fed with a full-scale sine wave at
600 mV peak and is configured with GAIN = 1 and
DITHER = Maximum. To obtain the active energy
measurement error graphs, the current channel is fed
with sine waves with amplitudes that vary from 600 mV
peak to 60 µV peak, representing a 10,000:1 dynamic
range. The offset is removed on both current and
voltage channels, and the channels are multiplied
together to give instantaneous power. The active
energy is calculated by multiplying the current and
voltage channel, and averaging the results of this
power during 20 seconds, to extract the active energy.
The sampling frequency is chosen as a multiple integer
of line frequency (coherent sampling). Therefore, the
calculation does not take into account any residue
coming from bad synchronization.
The measurement error is a function of IRMS, varies
with the OSR, averaging time, MCLK frequency and is
tightly
coupled
with
the
noise
and
linearity
specifications. The measurement error is a function of
the linearity and THD of the ADC, while the standard
deviation of the measurement error is a function of the
noise specification of the ADC. Overall, the low THD
specification enables low measurement error on a very
large dynamic range (e.g. 10,000:1). A low noise and
high SNR specification enables the decrease of the
measurement time and, therefore, of the calibration
time, to obtain a reliable measurement error
specification.
Figure 2-5 shows the typical measurement error
curves obtained with the samples acquired by the
MCP3918, using the default settings with 1-point and
2-point calibration. These calibrations are detailed in
Section 8.6 “Energy Measurement Error Consider-
ations”
.
Measurement Error I
RMS
 Measured Active Energy Active Energy present at inputs
–
Active Energy present at inputs
--------------------------------------------------------------------------------------------------------------------------------------------
100%
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com