Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3918A1-E/SS Datasheet(PDF) 41 Page - Microchip Technology

Part # MCP3918A1-E/SS
Description  3V Single-Channel Analog Front End
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3918A1-E/SS Datasheet(HTML) 41 Page - Microchip Technology

Back Button MCP3918A1-E/SS Datasheet HTML 37Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 38Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 39Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 40Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 41Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 42Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 43Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 44Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 88 page
background image
 2014 Microchip Technology Inc.
DS20005287A-page 41
MCP3918
5.12
Digital System Offset and Gain
Errors
The MCP3918 incorporates two sets of additional
registers to perform system digital offset and gain error
calibration, which will modify the output result of the
channel, if calibration is enabled. The gain and offset
calibrations can be enabled or disabled through two
configuration bits (EN_OFFCAL and EN_GAINCAL).
When both calibrations are enabled, the output of the
ADC is modified per Equation 5-8. These calibrations
are not effective in 2-Wire interface mode.
EQUATION 5-8:
DIGITAL OFFSET AND GAIN ERROR CALIBRATION REGISTERS
CALCULATIONS
5.12.1
DIGITAL OFFSET ERROR
CALIBRATION
The OFFCAL_CH0 register is 23-bit plus sign two’s
complement registers, whose LSB value is the same as
the Channel ADC Data. This register is then added bit
by bit to the ADC output codes, if the EN_OFFCAL bit
is enabled. Enabling the EN_OFFCAL bit does not
create a pipeline delay; the offset addition is
instantaneous. For low OSR values, only the significant
digits are added to the output (up to the resolution of
the ADC; for example, at OSR = 32, only the first 17
bits are added).
The offset is not added when the corresponding
channel is in Reset or Shutdown mode. The
corresponding input voltage offset value added by each
LSB in these 24-bit registers is:
EQUATION 5-9:
This register is a “Don't Care” if EN_OFFCAL = 0
(offset calibration disabled), but its value is not cleared
by the EN_OFFCAL bit.
5.12.2
DIGITAL GAIN ERROR
CALIBRATION
This register is a signed 24-bit MSB – first register
coded with a range of -1x to +(1 - 2-23)x (from
0x800000 to 0x7FFFFF). The gain calibration adds 1x
to this register and multiplies it to the output code of the
channel bit by bit, after offset calibration. Thus, the gain
calibration ranges from 0x to 1.9999999x (from
0x80000 to 0x7FFFFF). The LSB corresponds to a 2-23
increment in the multiplier.
Enabling EN_GAINCAL creates a pipeline delay of
24 DMCLK periods on all channels. All Data Ready
pulses are delayed by 24 DMCLK periods, starting
from data ready pulse following the command enabling
EN_GAINCAL bit. The gain calibration is effective on
the next data ready pulse following the command
enabling EN_GAINCAL bit.
The digital gain calibration does not function when the
corresponding channel is in Reset or Shutdown mode.
The gain multiplier value for an LSB in this 24-bit
register is:
EQUATION 5-10:
This register is a “Don't Care” if EN_GAINCAL = 0
(offset calibration disabled), but its value is not cleared
by the EN_GAINCAL bit.
The output data is kept to either 7FFF or 8000 (16-bit
mode) or 7FFFFF or 800000 (24-bit mode) if the output
results are out of bounds after all calibrations are
performed.
DATA_CH0 post
cal
–

DATA_CH0 pre
cal
–
 OFFCAL_CH0
+

1
GAINCAL_CH0
+

=
OFFSET(1LSB) = VREF/(PGA_CHn x 1.5 x 8388608)
GAIN (1LSB) = 1/8388608



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com