Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3918A1-E/SS Datasheet(PDF) 53 Page - Microchip Technology

Part # MCP3918A1-E/SS
Description  3V Single-Channel Analog Front End
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3918A1-E/SS Datasheet(HTML) 53 Page - Microchip Technology

Back Button MCP3918A1-E/SS Datasheet HTML 49Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 50Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 51Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 52Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 53Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 54Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 55Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 56Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 57Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 88 page
background image
 2014 Microchip Technology Inc.
DS20005287A-page 53
MCP3918
6.12
Interface Mode Selection
(SPI or 2-Wire)
The MCP3918 includes two different digital interfaces:
a standard 4-wire half duplex SPI interface (see
Section 6.0 “SPI Serial Interface Description”
) and
a 2-wire interface dedicated for digitally isolated
applications (see Section 7.0 “2-Wire Serial Interface
Description”
).
The selection between these two interfaces is possible
only when the CLKEXT bit is high (CLKEXT = 1). This
is the case by default at POR. When the CLKEXT = 1
condition is true, the OSC2/MODE pin becomes the
selection input pin for the Interface mode.
When
OSC2/MODE
is
logic
low
during
the
CLKEXT = 1 condition, the SPI interface is selected.
When OSC2/MODE pin is logic high, the 2-Wire
Interface is selected (see Figure 1-5 for the 2-Wire
mode selection timing diagram).
If OSC2/MODE pin is left floating while CLKEXT = 1,
an
internal
pull-down
(35 µA
typical
current)
automatically selects the SPI mode as the default
interface.
The MODE selection is not combinatorial, it is latched
at each POR, Hard Reset and Watchdog Time Reset.
In other words, to change from one interface mode to
another, the user needs to create one of these three
resets and change the OSC2/MODE logic input state
before exiting the applied reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com