Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3918A1-E/SS Datasheet(PDF) 36 Page - Microchip Technology

Part # MCP3918A1-E/SS
Description  3V Single-Channel Analog Front End
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3918A1-E/SS Datasheet(HTML) 36 Page - Microchip Technology

Back Button MCP3918A1-E/SS Datasheet HTML 32Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 33Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 34Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 35Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 36Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 37Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 38Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 39Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 88 page
background image
MCP3918
DS20005287A-page 36
 2014 Microchip Technology Inc.
FIGURE 5-6:
Output Data Formats.
The ADC resolution is a function of the OSR
(Section 5.4 “SINC3 + SINC1 Filter”). The resolution
is the same for all channels. No matter what the
resolution is, the ADC output data is always calculated
in 24-bit words, with added zeros at the end if the OSR
is not large enough to produce 24-bit resolution (left
justification).
WIDTH_DATA<1:0> =
11
32-bit with sign extension
DATA
<23>
DATA
<23:16>
31
0
DATA
<15:8>
DATA
<7:0>
WIDTH_DATA<1:0> =
10
32-bit with zeros padded
0x00
31
0
DATA
<23:16>
DATA
<7:0>
DATA
<15:8>
WIDTH_DATA<1:0> =
01
24-bit
DATA
<23:16>
DATA
<15:8>
DATA
<7:0>
23
0
WIDTH_DATA<1:0> =
00
16-bit
DATA
<15:8>
15
0
DATA
<23:16>
Rounded
Unformatted ADC data
DATA
<23:16>
DATA
<15:8>
DATA
<7:0>
23
0
x1/256
x1
x256
x1
Scaling
Factor
TABLE 5-5:
OSR = 256 (AND HIGHER) OUTPUT CODE EXAMPLES
ADC Output Code (MSB First)
Hexadecimal
Decimal,
24-bit Resolution
0111
1111
1111
1111
111 1
1111
0x7FFFFF
+ 8,388,607
0111
1111
1111
1111
111 1
1110
0x7FFFFE
+ 8,388,606
0000
0000
0000
0000
000 0
0000
0x000000
0
1111
1111
1111
1111
111 1
1111
0xFFFFFF
-1
1000
0000
0000
0000
000 0
0001
0x800001
- 8,388,607
1000
0000
0000
0000
000 0
0000
0x800000
- 8,388,608
TABLE 5-6:
OSR = 128 OUTPUT CODE EXAMPLES
ADC Output Code (MSB First)
Hexadecimal
Decimal,
23-bit Resolution
0111
1 111
1111
1 111
1111
111 0
0x7FFFFE
+ 4,194,303
0111
1 111
1111
1 110
1111
110 0
0x7FFFFC
+ 4,194,302
0000
0 000
0000
0 000
0000
000 0
0x000000
0
1111
1 111
1111
1 111
1111
111 0
0xFFFFFE
-1
1000
0 000
0000
0 000
0000
001 0
0x800002
- 4,194,303
1000
0 000
0000
0 000
0000
000 0
0x800000
- 4,194,304
TABLE 5-7:
OSR = 64 OUTPUT CODE EXAMPLES
ADC Output Code (MSB First)
Hexadecimal
Decimal,
20-bit Resolution
01 11
1 111
1 111
1 1 1 1
1 1 1 1
0 0 0 0
0x7FFFF0
+ 524, 287
01 11
1 111
1 111
1 1 1 1
1 1 1 0
0 0 0 0
0x7FFFE0
+ 524, 286
00 00
0 000
0 000
0 0 0 0
0 0 0 0
0 0 0 0
0x000000
0
11 11
1 111
1 111
1 1 1 1
1 1 1 1
0 0 0 0
0xFFFFF0
-1
10 00
0 000
0 000
0 0 0 0
0 0 0 1
0 0 0 0
0x800010
- 524,287
10 00
0 000
0 000
0 0 0 0
0 0 0 0
0 0 0 0
0x800000
- 524, 288



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com