Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3918A1-E/SS Datasheet(PDF) 60 Page - Microchip Technology

Part # MCP3918A1-E/SS
Description  3V Single-Channel Analog Front End
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3918A1-E/SS Datasheet(HTML) 60 Page - Microchip Technology

Back Button MCP3918A1-E/SS Datasheet HTML 56Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 57Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 58Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 59Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 60Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 61Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 62Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 63Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 64Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 88 page
background image
MCP3918
DS20005287A-page 60
 2014 Microchip Technology Inc.
In any system, the analog ICs (such as references or
operational amplifiers) are always connected to the
analog ground plane. The MCP3918 should also be
considered as a sensitive analog component, and
should be connected to the analog ground plane. The
ADC features two pairs of pins: AGND, AVDD, DGND and
DVDD. For best performance, it is recommended to
keep the two pairs connected to two different networks
(Figure 8-2). This way, the design will feature two
ground traces and two power supplies (Figure 8-3).
This means the analog circuitry (including MCP3918)
and the digital circuitry (MCU) should have separate
power supplies and return paths to the external ground
reference, as described in Figure 8-2.
An example of a typical power supply circuit, with
different lines for analog and digital power, is shown in
Figure 8-3. A possible split example is shown in
Figure 8-4, where the ground star connection can be
done at the bottom of the device with the exposed pad.
The split between analog and digital can be done under
the device, and AVDD and DVDD can be connected
together with lines coming under the ground plane.
Another possibility, sometimes easier to implement in
terms of PCB layout, is to consider the MCP3918 as an
analog component and, therefore, to connect both
AVDD and DVDD together, and AGND and DGND
together, with a star connection. In this scheme, the
decoupling capacitors may be larger, due to the ripple
on the digital power supply (caused by the digital filters
and the SPI interface of the MCP3918) now causing
glitches on the analog power supply.
FIGURE 8-2:
All Analog and Digital
Return Paths Need to Stay Separate with Proper
Bypass Capacitors.
FIGURE 8-3:
Power Supply with Separate Lines for Analog and Digital Sections.
VA
VD
MCU
“Star” Point
IA
ID
ID
IA
AVDD DVDD
AGND DGND
D-=
A-=
0.1 μF
MCP39XX
0.1 μF
C
Note:
The “Net Tie” Object NT2 represents the start ground connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com